Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1584EN Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1584EN
Description  3A, 1.5MHz, 28V Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1584EN Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1584EN Datasheet HTML 8Page - Monolithic Power Systems MP1584EN Datasheet HTML 9Page - Monolithic Power Systems MP1584EN Datasheet HTML 10Page - Monolithic Power Systems MP1584EN Datasheet HTML 11Page - Monolithic Power Systems MP1584EN Datasheet HTML 12Page - Monolithic Power Systems MP1584EN Datasheet HTML 13Page - Monolithic Power Systems MP1584EN Datasheet HTML 14Page - Monolithic Power Systems MP1584EN Datasheet HTML 15Page - Monolithic Power Systems MP1584EN Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP1584 – 3A, 1.5MHz, 28V STEP-DOWN CONVERTER
MP1584 Rev. 1.0
www.MonolithicPower.com
12
8/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The input capacitor (C1) can be electrolytic,
tantalum or ceramic. When using electrolytic or
tantalum capacitors, a small, high quality
ceramic capacitor, i.e. 0.1μF, should be placed
as close to the IC as possible. When using
ceramic capacitors, make sure that they have
enough capacitance to provide sufficient charge
to prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:


IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
1
C
f
I
V
Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended.
Low
ESR
capacitors
are
preferred to keep the output voltage ripple low.
The output voltage ripple can be estimated by:




2
C
f
8
1
R
V
V
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the
impedance at the switching frequency is
dominated by the capacitance. The output
voltage ripple is mainly caused by the
capacitance. For simplification, the output
voltage ripple can be estimated by:


IN
OUT
2
S
OUT
OUT
V
V
1
2
C
L
f
8
V
ΔV
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated to:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
ΔV


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP1584 can be optimized for a wide range of
capacitance and ESR values.
Compensation Components
MP1584 employs current mode control for easy
compensation and fast transient response. The
system stability and transient response are
controlled through the COMP pin. COMP pin is
the output of the internal error amplifier. A
series capacitor-resistor combination sets a
pole-zero
combination
to
control
the
characteristics of the control system. The DC
gain of the voltage feedback loop is given by:
OUT
FB
VEA
CS
LOAD
VDC
V
V
A
G
R
A
Where AVEA is the error amplifier voltage gain,
200V/V;
GCS
is
the
current
sense
transconductance, 9A/V; RLOAD is the load
resistor value.
The system has two poles of importance. One
is due to the compensation capacitor (C3), the
output resistor of error amplifier. The other is
due to the output capacitor and the load resistor.
These poles are located at:
VEA
EA
1
P
A
3
C
2
G
f
LOAD
2
P
R
2
C
2
1
f
Where,
GEA
is
the
error
amplifier
transconductance, 60μA/V.
The system has one zero of importance, due to
the compensation capacitor (C3) and the
compensation resistor (R3). This zero is located
at:
3
R
3
C
2
1
f 1
Z
The system may have another zero of
importance, if the output capacitor has a large
capacitance and/or a high ESR value. The zero,
due to the ESR and capacitance of the output
capacitor, is located at:
ESR
ESR
R
2
C
2
1
f


Similar Part No. - MP1584EN

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP158 RECTRON-MP158 Datasheet
28Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
81Kb / 2P
   15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP158 GWSEMI-MP158 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
244Kb / 3P
   15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP158 MPS-MP158 Datasheet
711Kb / 20P
   Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
More results

Similar Description - MP1584EN

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5755 GMT-G5755 Datasheet
84Kb / 1P
   3A, 1.5MHz, 28V Step-down DC/DC
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
   3A, 28V, 385KHz Step-Down Converter
MP2365 MPS-MP2365 Datasheet
390Kb / 11P
   3A, 28V, 1.4MHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
   3A, 28V, 385KHz Step-Down Converter
MP2372 MPS-MP2372 Datasheet
425Kb / 13P
   3A, 28V, 925KHz Step-Down Converter
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
   3A, 28V, 1.4MHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476A EUTECH-EUP3476A Datasheet
159Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com