Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1584EN Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP1584EN
Description  3A, 1.5MHz, 28V Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1584EN Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP1584EN Datasheet HTML 5Page - Monolithic Power Systems MP1584EN Datasheet HTML 6Page - Monolithic Power Systems MP1584EN Datasheet HTML 7Page - Monolithic Power Systems MP1584EN Datasheet HTML 8Page - Monolithic Power Systems MP1584EN Datasheet HTML 9Page - Monolithic Power Systems MP1584EN Datasheet HTML 10Page - Monolithic Power Systems MP1584EN Datasheet HTML 11Page - Monolithic Power Systems MP1584EN Datasheet HTML 12Page - Monolithic Power Systems MP1584EN Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP1584 – 3A, 1.5MHz, 28V STEP-DOWN CONVERTER
MP1584 Rev. 1.0
www.MonolithicPower.com
9
8/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
At higher duty cycle operation condition, the
time period available to the bootstrap charging
is less so the bootstrap capacitor may not be
sufficiently charged.
In case the internal circuit does not have
sufficient voltage and the bootstrap capacitor is
not charged, extra external circuitry can be
used to ensure the bootstrap voltage is in the
normal operational region. Refer to External
Bootstrap Diode
in Application section.
The DC quiescent current of the floating driver
is about 20µA. Make sure the bleeding current
at the SW node is higher than this value, such
that:
A
20
)
2
R
1
R
(
V
I
O
O
Current Comparator and Current Limit
The power MOSFET current is accurately
sensed via a current sense MOSFET. It is then
fed to the high speed current comparator for the
current mode control purpose. The current
comparator takes this sensed current as one of
its inputs. When the power MOSFET is turned
on, the comparator is first blanked till the end of
the turn-on transition to avoid noise issues. The
comparator then compares the power switch
current with the COMP voltage. When the
sensed current is higher than the COMP
voltage, the comparator output is low, turning
off the power MOSFET. The cycle-by-cycle
maximum
current
of
the
internal
power
MOSFET is internally limited.
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides stable supply for the remaining
circuitries.
While the internal supply rail is up, an internal
timer holds the power MOSFET OFF for about
50µs to blank the startup glitches. When the
internal soft-start block is enabled, it first holds
its SS output low to ensure the remaining
circuitries are ready and then slowly ramps up.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, power MOSFET is turned off first to
avoid any fault triggering. The COMP voltage
and the internal supply rail are then pulled
down.
Programmable Oscillator
The MP1584 oscillating frequency is set by an
external resistor, Rfreq from the FREQ pin to
ground. The value of Rfreq can be calculated
from:

freq
1.1
s
180000
R(k )
f(kHz)



Similar Part No. - MP1584EN

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP158 RECTRON-MP158 Datasheet
28Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
81Kb / 2P
   15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP158 GWSEMI-MP158 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
244Kb / 3P
   15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP158 MPS-MP158 Datasheet
711Kb / 20P
   Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
More results

Similar Description - MP1584EN

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5755 GMT-G5755 Datasheet
84Kb / 1P
   3A, 1.5MHz, 28V Step-down DC/DC
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
   3A, 28V, 385KHz Step-Down Converter
MP2365 MPS-MP2365 Datasheet
390Kb / 11P
   3A, 28V, 1.4MHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
   3A, 28V, 385KHz Step-Down Converter
MP2372 MPS-MP2372 Datasheet
425Kb / 13P
   3A, 28V, 925KHz Step-Down Converter
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
   3A, 28V, 1.4MHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476A EUTECH-EUP3476A Datasheet
159Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com