Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1584EN Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP1584EN
Description  3A, 1.5MHz, 28V Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1584EN Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP1584EN Datasheet HTML 9Page - Monolithic Power Systems MP1584EN Datasheet HTML 10Page - Monolithic Power Systems MP1584EN Datasheet HTML 11Page - Monolithic Power Systems MP1584EN Datasheet HTML 12Page - Monolithic Power Systems MP1584EN Datasheet HTML 13Page - Monolithic Power Systems MP1584EN Datasheet HTML 14Page - Monolithic Power Systems MP1584EN Datasheet HTML 15Page - Monolithic Power Systems MP1584EN Datasheet HTML 16Page - Monolithic Power Systems MP1584EN Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
MP1584 – 3A, 1.5MHz, 28V STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP1584 Rev. 1.0
www.MonolithicPower.com
17
8/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PACKAGE INFORMATION
SOIC8E (EXPOSED PAD)
SEE DETAIL "A"
0.0075(0.19)
0.0098(0.25)
0.050(1.27)
BSC
0.013(0.33)
0.020(0.51)
SEATING PLANE
0.000(0.00)
0.006(0.15)
0.051(1.30)
0.067(1.70)
TOP VIEW
FRONT VIEW
SIDE VIEW
BOTTOM VIEW
NOTE:
1) CONTROL DIMENSION IS IN INCHES. DIMENSION IN
BRACKET IS IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSIONS.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.004" INCHES MAX.
5) DRAWING CONFORMS TO JEDEC MS-012, VARIATION BA.
6) DRAWING IS NOT TO SCALE.
0.089(2.26)
0.101(2.56)
0.124(3.15)
0.136(3.45)
RECOMMENDED LAND PATTERN
0.213(5.40)
0.063(1.60)
0.050(1.27)
0.024(0.61)
0.103(2.62)
0.138(3.51)
0.150(3.80)
0.157(4.00)
PIN 1 ID
0.189(4.80)
0.197(5.00)
0.228(5.80)
0.244(6.20)
14
85
0.016(0.41)
0.050(1.27)
0o-8o
DETAIL "A"
0.010(0.25)
0.020(0.50)
x 45o
0.010(0.25) BSC
GAUGE PLANE


Similar Part No. - MP1584EN

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP158 RECTRON-MP158 Datasheet
28Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
81Kb / 2P
   15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP158 GWSEMI-MP158 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
244Kb / 3P
   15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP158 MPS-MP158 Datasheet
711Kb / 20P
   Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
More results

Similar Description - MP1584EN

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5755 GMT-G5755 Datasheet
84Kb / 1P
   3A, 1.5MHz, 28V Step-down DC/DC
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
   3A, 28V, 385KHz Step-Down Converter
MP2365 MPS-MP2365 Datasheet
390Kb / 11P
   3A, 28V, 1.4MHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
   3A, 28V, 385KHz Step-Down Converter
MP2372 MPS-MP2372 Datasheet
425Kb / 13P
   3A, 28V, 925KHz Step-Down Converter
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
   3A, 28V, 1.4MHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476A EUTECH-EUP3476A Datasheet
159Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com