Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVTR0202PLT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVTR0202PLT1G
Description  Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTR0202PLT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NVTR0202PLT1G Datasheet HTML 1Page - ON Semiconductor NVTR0202PLT1G Datasheet HTML 2Page - ON Semiconductor NVTR0202PLT1G Datasheet HTML 3Page - ON Semiconductor NVTR0202PLT1G Datasheet HTML 4Page - ON Semiconductor NVTR0202PLT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTR0202PL, NVTR0202PL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 V, ID = −10 mA)
(Positive Temperature Coefficient)
V(BR)DSS
−20
33
V
mV/°C
Zero Gate Voltage Drain Current
(VDS = −20 V, VGS = 0 V, TJ = 25°C)
(VDS = −20 V, VGS = 0 V, TJ = 150°C)
IDSS
−1.0
−10
mA
Gate−Body Leakage Current (VGS = ± 20 V, VDS = 0 V)
IGSS
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
(VDS = VGS, ID = −250 mA)
(Negative Temperature Coefficient)
VGS(th)
−1.1
−1.9
3.0
−2.3
V
mV/°C
Static Drain−to−Source On−Resistance
(VGS = −10 V, ID = −200 mA)
(VGS = −4.5 V, ID = −50 mA)
RDS(on)
0.55
0.80
0.80
1.10
W
Forward Transconductance
(VDS = −10 V, ID = −200 mA)
gfs
0.5
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = −5.0 V, VGS = 0 V,
F = 1.0 MHz)
Ciss
70
pF
Output Capacitance
Coss
74
Reverse Transfer Capacitance
Crss
26
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
(VDD = −15 V, ID = −200 mA,
VGS = −10 V, RG = 6.0 W)
td(on)
3.0
ns
Rise Time
tr
6.0
Turn−Off Delay Time
td(off)
18
Fall Time
tf
4
Total Gate Charge
(VDS = −15 V, ID = −200 mA,
VGS = −10 V)
QTOT
2.18
nC
Gate−Source Charge
QGS
0.41
Gate−Drain Charge
QGD
0.40
BODY−DRAIN DIODE CHARACTERISTICS (Note 2)
Diode Forward Voltage (Note 2)
(IS = −400 mA, VGS = 0 V)
(IS = −400 mA, VGS = 0 V, TJ = 150°C)
VSD
−0.8
−0.65
−1.0
V
Reverse Recovery Time
(IS = −1.0 A, VGS = 0 V,
dIS/dt = 100 A/ms)
trr
11.8
ns
ta
9
tb
3
Reverse Recovery Stored Charge
(IS = −1.0 A, VGS = 0 V,
dIS/dt = 100 A/ms)
QRR
0.007
mC
2. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NVTR0202PLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
99Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 6
logo
VBsemi Electronics Co.,...
NVTR0202PLT1G VBSEMI-NVTR0202PLT1G Datasheet
476Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NVTR0202PLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
   Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
logo
ZP Semiconductor
NTR1P02LT1G ZPSEMI-NTR1P02LT1G Datasheet
209Kb / 2P
   ??0 V, ??.3 A, P?묬hannel SOT??3 Package
logo
ON Semiconductor
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
   Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
   Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
   Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
logo
Shenzhen Winsemi Microe...
WFY3P02 WINSEMI-WFY3P02 Datasheet
235Kb / 5P
   TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com