![]() |
Electronic Components Datasheet Search |
|
NVTR0202PLT1G Datasheet(PDF) 1 Page - ON Semiconductor |
|
|
NVTR0202PLT1G Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 5 page ![]() © Semiconductor Components Industries, LLC, 2011 October, 2011 − Rev. 5 1 Publication Order Number: NTR0202PL/D NTR0202PL, NVTR0202PL Power MOSFET −20 V, −400 mA, P−Channel SOT−23 Package Features • Low RDS(on) Provides Higher Efficiency and Extends Battery Life RDSon = 0.80 W, VGS = −10 V RDSon = 1.10 W, VGS = −4.5 V • Miniature SOT−23 Surface Mount Package Saves Board Space • AEC−Q101 Qualified and PPAP Capable − NVTR0202PL • These Devices are Pb−Free and are RoHS Compliant Applications • DC−DC Converters • Computers • Printers • PCMCIA Cards • Cellular and Cordless Telephones MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) Rating Symbol Value Unit Drain−to−Source Voltage VDSS −20 V Gate−to−Source Voltage − Continuous VGS $20 V Continuous Drain Current @ TA = 25°C Pulsed Drain Current (tp ≤ 10 ms) ID IDM −0.4 −1.0 A Total Power Dissipation @ TA = 25°C (Note 1) PD 225 mW Operating and Storage Temperature Range TJ, Tstg − 55 to 150 °C Thermal Resistance − Junction−to−Ambient RqJA 556 °C/W Source Current (Body Diode) IS 0.4 A Maximum Lead Temperature for Soldering Purposes, 1/8″ from case for 10 s TL 260 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%. Device Package Shipping† ORDERING INFORMATION http://onsemi.com −20 V 550 mW @ −10 V RDS(on) Typ −400 mA ID MAX V(BR)DSS †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. NTR0202PLT3G SOT−23 (Pb−Free) 10000 / Tape & Reel NTR0202PLT1G SOT−23 (Pb−Free) 3000 / Tape & Reel D G S P−Channel SOT−23 CASE 318 STYLE 21 MARKING DIAGRAM & PIN ASSIGNMENT PL = Specific Device Code M = Date Code* G = Pb−Free Package (Note: Microdot may be in either location) *Date Code orientation may vary depending upon manufacturing location. PL M G G 1 Gate 2 Source Drain 3 NVTR0202PLT1G SOT−23 (Pb−Free) 3000 / Tape & Reel |
Similar Part No. - NVTR0202PLT1G |
|
Similar Description - NVTR0202PLT1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |