Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2680ISOSQTP Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 162Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 163Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 164Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 165Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 166Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 167Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 168Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 169Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 164
Preliminary
© 2007 Microchip Technology Inc.
15.1
CCP1 Module Configuration
Each Capture/Compare/PWM module is associated
with a control register (CCP1CON or ECCP1CON) and
a data register (CCPR1 or ECCPR1). The data register,
in turn, is comprised of two 8-bit registers: CCPR1L or
ECCPR1L (low byte) and CCPR1H or ECCPR1H (high
byte). All registers are both readable and writable.
15.1.1
CCP1 MODULES AND TIMER
RESOURCES
The CCP1 modules utilize Timers 1, 2 or 3, depending
on the mode selected. Timer1 and Timer3 are available
to modules in Capture or Compare modes, while
Timer2 is available for modules in PWM mode.
TABLE 15-1:
CCP1 MODE – TIMER
RESOURCE
The assignment of a particular timer to a module is
determined by the Timer-to-CCP1/ECCP1 enable bits
in the T3CON register (Register 14-1). Both modules
may be active at any given time and may share the
same timer resource if they are configured to operate
in the same mode (Capture/Compare or PWM) at the
same time. The interactions between the two modules
are summarized in Figure 15-1 and Figure 15-2.
TABLE 15-2:
INTERACTIONS BETWEEN CCP1 AND ECCP1 FOR TIMER RESOURCES
CCP1/ECCP1 Mode
Timer Resource
Capture
Compare
PWM
Timer1 or Timer3
Timer1 or Timer3
Timer2
CCP1 Mode ECCP1 Mode
Interaction
Capture
Capture
Each module can use TMR1 or TMR3 as the time base. Time base can be different for
each CCP1.
Capture
Compare
CCP1 can be configured for the special event trigger to reset TMR1 or TMR3
(depending upon which time base is used). Automatic A/D conversions on trigger event
can also be done. Operation of CCP1 could be affected if it is using the same timer as a
time base.
Compare
Capture
CCP1 can be configured for the special event trigger to reset TMR1 or TMR3
(depending upon which time base is used). Operation of CCP1 could be affected if it is
using the same timer as a time base.
Compare
Compare
Either module can be configured for the special event trigger to reset the time base.
Automatic A/D conversions on ECCP1 trigger event can be done. Conflicts may occur if
both modules are using the same time base.
Capture
PWM*
None
Compare
PWM*
None
PWM*
Capture
None
PWM*
Compare
None
PWM*
PWM
Both PWMs will have the same frequency and update rate (TMR2 interrupt).
*
Includes standard and Enhanced PWM operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com