Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP36N06V Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP36N06V
Description  TMOS POWER FET 32 AMPERES 60 VOLTS RDS(on) = 0.04 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP36N06V Datasheet(HTML) 2 Page - Motorola, Inc

  MTP36N06V Datasheet HTML 1Page - Motorola, Inc MTP36N06V Datasheet HTML 2Page - Motorola, Inc MTP36N06V Datasheet HTML 3Page - Motorola, Inc MTP36N06V Datasheet HTML 4Page - Motorola, Inc MTP36N06V Datasheet HTML 5Page - Motorola, Inc MTP36N06V Datasheet HTML 6Page - Motorola, Inc MTP36N06V Datasheet HTML 7Page - Motorola, Inc MTP36N06V Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP36N06V
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
61
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150 °C)
IDSS
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
2.6
6.0
4.0
Vdc
mV/
°C
Static Drain–to–Source On–Resistance (VGS = 10 Vdc, ID = 16 Adc)
RDS(on)
0.034
0.04
Ohm
Drain–to–Source On–Voltage
(VGS = 10 Vdc, ID = 32 Adc)
(VGS = 10 Vdc, ID = 16 Adc, TJ = 150 °C)
VDS(on)
1.25
1.54
1.47
Vdc
Forward Transconductance (VDS = 7.6 Vdc, ID = 16 Adc)
gFS
5.0
7.83
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
1220
1700
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
337
470
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
74.8
150
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 30 Vdc, ID = 32 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
td(on)
14
30
ns
Rise Time
(VDD = 30 Vdc, ID = 32 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
tr
138
270
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
54
100
Fall Time
G = 9.1 Ω)
tf
91
180
Gate Charge
(See Figure 8)
(VDS = 48 Vdc, ID = 32 Adc,
VGS = 10 Vdc)
QT
39
50
nC
(See Figure 8)
(VDS = 48 Vdc, ID = 32 Adc,
VGS = 10 Vdc)
Q1
7.0
(VDS = 48 Vdc, ID = 32 Adc,
VGS = 10 Vdc)
Q2
17
Q3
13
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 32 Adc, VGS = 0 Vdc)
(IS = 32 Adc, VGS = 0 Vdc, TJ = 150 °C)
VSD
1.03
0.94
2.0
Vdc
Reverse Recovery Time
(IS = 32 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
92
ns
(IS = 32 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
64
(IS = 32 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
28
Reverse Recovery Stored Charge
QRR
0.332
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
3.5
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTP36N06V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP36N06V ONSEMI-MTP36N06V Datasheet
207Kb / 7P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
More results

Similar Description - MTP36N06V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
MTP40N10E MOTOROLA-MTP40N10E Datasheet
160Kb / 8P
TMOS POWER FET 40 AMPERES 100 VOLTS RDS(on) = 0.04 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTV32N20E MOTOROLA-MTV32N20E Datasheet
264Kb / 10P
TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTW32N20E MOTOROLA-MTW32N20E Datasheet
205Kb / 8P
TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTW32N25E MOTOROLA-MTW32N25E Datasheet
151Kb / 8P
TMOS POWER FET 32 AMPERES 250 VOLTS RDS(on) = 0.08 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com