Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP36N06V Datasheet(PDF) 6 Page - Motorola, Inc

Part # MTP36N06V
Description  TMOS POWER FET 32 AMPERES 60 VOLTS RDS(on) = 0.04 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP36N06V Datasheet(HTML) 6 Page - Motorola, Inc

  MTP36N06V Datasheet HTML 1Page - Motorola, Inc MTP36N06V Datasheet HTML 2Page - Motorola, Inc MTP36N06V Datasheet HTML 3Page - Motorola, Inc MTP36N06V Datasheet HTML 4Page - Motorola, Inc MTP36N06V Datasheet HTML 5Page - Motorola, Inc MTP36N06V Datasheet HTML 6Page - Motorola, Inc MTP36N06V Datasheet HTML 7Page - Motorola, Inc MTP36N06V Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTP36N06V
6
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
100
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1
Figure 13. Thermal Response
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
10
100
1000
1
dc
100
µs
1 ms
10 ms
10
µs
t, TIME (s)
1.00
0.10
0.01
0.2
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
1.0E–05
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
1.0E+01
0.02
TJ, STARTING JUNCTION TEMPERATURE (°C)
25
50
75
100
125
ID = 32 A
150
0
175
50
25
225
75
100
125
150
200
175


Similar Part No. - MTP36N06V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP36N06V ONSEMI-MTP36N06V Datasheet
207Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
More results

Similar Description - MTP36N06V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP40N10E MOTOROLA-MTP40N10E Datasheet
160Kb / 8P
   TMOS POWER FET 40 AMPERES 100 VOLTS RDS(on) = 0.04 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTV32N20E MOTOROLA-MTV32N20E Datasheet
264Kb / 10P
   TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTW32N20E MOTOROLA-MTW32N20E Datasheet
205Kb / 8P
   TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTW32N25E MOTOROLA-MTW32N25E Datasheet
151Kb / 8P
   TMOS POWER FET 32 AMPERES 250 VOLTS RDS(on) = 0.08 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
   TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
   TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com