Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC240ADTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC240ADTR2G
Description  Octal 3-State Inverting Buffer/Line Driver/Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC240ADTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC240ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HC240ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HC240ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HC240ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HC240ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HC240ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HC240ADTR2G Datasheet HTML 7Page - ON Semiconductor MC74HC240ADTR2G Datasheet HTML 8Page - ON Semiconductor MC74HC240ADTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74HC240A
http://onsemi.com
5
SWITCHING WAVEFORMS
DATA INPUT
A OR B
OUTPUT
YA OR YB
VCC
GND
tf
tr
90%
50%
10%
90%
50%
10%
tPHL
tPLH
tTHL
tTLH
ENABLE
OUTPUT Y
OUTPUT Y
50%
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Figure 1.
Figure 2.
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Test Circuit
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Test Circuit
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
W
PIN DESCRIPTIONS
INPUTS
A1, A2, A3, A4, B1, B2, B3, B4
(Pins 2, 4, 6, 8, 11, 13, 15, 17)
Data input pins. Data on these pins appear in inverted form
on the corresponding Y outputs, when the outputs are
enabled.
CONTROLS
Enable A, Enable B (Pins 1, 19)
Output enables (active−low). When a low level is applied
to these pins, the outputs are enabled and the devices
function as inverters. When a high level is applied, the
outputs assume the high−impedance state.
OUTPUTS
YA1, YA2, YA3, YA4, YB1, YB2, YB3, YB4
(Pins 18, 16, 14, 12, 9, 7, 5, 3)
Device outputs. Depending upon the state of the
output−enable pins, these outputs are either inverting
outputs or high−impedance outputs.


Similar Part No. - MC74HC240ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC240ADTR2G ONSEMI-MC74HC240ADTR2G Datasheet
117Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
More results

Similar Description - MC74HC240ADTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC240A MOTOROLA-MC54-74HC240A Datasheet
168Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A Datasheet
180Kb / 8P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74ACT240 INTEGRAL-IN74ACT240 Datasheet
184Kb / 4P
OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
System Logic Semiconduc...
SL74HC240 SLS-SL74HC240 Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
logo
Motorola, Inc
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
MC74HC540A ONSEMI-MC74HC540A Datasheet
146Kb / 8P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74HCT240A INTEGRAL-IN74HCT240A Datasheet
148Kb / 5P
OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
IN74HC240A INTEGRAL-IN74HC240A Datasheet
147Kb / 5P
OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com