Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 10Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 11Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 12Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 13Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 14Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 15Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 16Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 17Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
www.andersonpower.com
- 12 -
All Data Subject To Change Without Notice
| Conversion Chart for American Wire Guage to Metric System |
NOTE: The above wire diameters and circular mils are based on an average of the most commonly available wires. The wire
manufacturer’s specification should be referenced for information specific to the wire being used.
-
0.5
-
937
0.032
0.81
1/0
-
106mcm*
-
0.373
9.46
20
-
1020
-
0.036
0.91
2/0
-
133mcm*
-
0.419
10.60
-
0.75
-
1480
0.039
0.99
-
70
-
138.1mcm
0.430
10.90
18
-
1620
-
0.046
1.16
3/0
-
168mcm*
-
0.471
12.00
-
1
-
1974
0.051
1.30
-
95
-
187.5mcm
0.504
12.80
16
-
2580
-
0.051
1.29
4/0
-
212mcm*
-
0.528
13.40
-
1.5
-
2960
0.063
1.60
-
120
-
237.8mcm
0.567
14.40
14
-
4110
-
0.073
1.84
-
-
250mcm
-
0.575
14.60
-
2.5
-
4934
0.081
2.06
-
150
300mcm
-
0.630
16.00
12
-
6530
-
0.092
2.32
-
-
350mcm
-
0.681
17.30
-
4
-
7894
0.102
2.59
-
185
-
365.1mcm
0.700
17.80
10
-
10380
-
0.116
2.93
-
-
400mcm
-
0.728
18.50
-
6
-
11840
0.126
3.21
-
240
-
473.6mcm
0.801
20.30
8
-
16510
-
0.146
3.70
-
-
500mcm
-
0.814
20.70
-
10
-
19740
0.162
4.12
-
300
-
592.1mcm
0.891
22.60
6
-
26240
-
0.184
4.66
-
-
600mcm
-
0.893
22.70
-
16
-
31580
0.204
5.18
-
-
700mcm
-
0.964
24.50
4
-
41740
-
0.232
5.88
-
-
750mcm
-
0.999
25.40
-
25
-
49340
0.260
6.60
400
-
789.4mcm
1.026
26.10
2
-
66360
-
0.292
7.42
-
-
800mcm
-
1.032
26.20
-
35
-
69070
0.305
7.75
-
500
986.8mcm
1.152
29.30
1
-
83690
-
0.332
9.43
-
-
1000mcm
-
1.153
29.30
-
50
-
98680
0.365
9.27
-
625
-
1233.7mcm
1.287
32.70
* Rounded for simplicity
Approximate
AWG Metric Circ.
Equivalent Wire Diameter
Size
mm²
Mils
Circ.Mils
in.
mm
Approximate
AWG Metric Circ.
Equivalent Wire Diameter
Size
mm²
Mils
Circ.Mils
in.
mm


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com