Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 9Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 10Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 11Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 12Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 13Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 14Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 15Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 16Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
www.andersonpower.com - 11 -
All Data Subject To Change Without Notice
Pulse (Surge) Current: Highest instantaneous current that will run
through a system.
REACH: The European Community Regulation on chemicals and their
safe use. It deals with the Registration, Evaluation, Authorization and
Restriction of Chemical substances.
Reducing Bushing: Separate tubular sleeve used to downsize the
diameter of a crimp barrel to accept a smaller size wire.
Reeled Contacts: Contacts attached to a feeder strip for use in a high
volume crimping tool.
Resistance: The opposition to the passage of an electric current
through that element. Abbreviated as “R”.
RoHS: Restriction of Hazardous Substances Directive. The European
directive on the restriction of the use of certain hazardous substances
in electrical and electronic equipment.
Sacrificial Tip: An area of a contact system that absorbs electric arching
to limit damage to the actual mating surface of the contacts.
Self-Wiping: The sliding action which occurs when contacts are mated.
Wiping has the effect of removing small amounts of contamination
from the contact surfaces, establishing better conductivity.
Spring Loaded: A means of providing contact normal force with the
use of a mechanical spring.
Storage Battery: A voltaic battery consisting of two or more storage
cells. Energy is accumulated by chemical activity in the charging
process and released on demand in the form of electric current.
Strain Relief: A means of termination or installation that reduces the
transfer of mechanical stress from the conductor.
Termination: Means of joining contacts to a conductor.
Touch Safe: See “Finger Proof”
Turret / Positioner: See “Locator”
TUV: The TÜV Rheinland Group is provider of technical services that
certifies products to standards written by other organizations.
UL: Underwriters Laboratory, a safety standard writing and testing
organization.
Volts: Measurement increment of electric potential. Abbreviated as “E”.
VDE: A German standard writing and testing organization responsible
standards and safety specifications covering the areas of electrical
engineering, electronics and information technology.
Watt: Measurement increment of electric power. Abbreviated as “W”.


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com