Electronic Components Datasheet Search |
|
110G19 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers |
|
|
110G19 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers |
85 / 108 page www.andersonpower.com - 83 - All Data Subject To Change Without Notice Electrical Current Rating Amperes¹ SBX175 SBE160 Primary Power (1/0 AWG) 175 160 Powerpole® Auxiliary (12 AWG) 20 20 1x4 Auxiliary (12 AWG) 20 20 PPMX Auxiliary (20 AWG) 7 UL 5 CSA Voltage Rating AC/DC UL 1977 EN1175-1 Primary Power 600 1504 Powerpole® Auxiliary 600 1504 1x4 Auxiliary 200 PPMX Auxiliary 300 Dielectric Withstanding Voltage Primary Power Volts AC 2,200 Avg. Mated Contact Resistance Milliohms¹ 6” of 1/0 AWG wire 0.100 UL Hot Plug Current Rating Amperes - 250 cycles at 120V DC Power 75A Powerpole® Auxiliary 30A 1x4 Auxiliary 5A Mechanical Wire Size Range AWG mm² Power Contacts 10 to 1/0 5.3 to 53.5 Auxiliary Contacts 24 to 10 0.25 to 5.3 Max. Wire Insulation Diameter in. mm Power Contacts 0.440 11.200 Powerpole® Auxiliary 0.175 4.450 1x4 Auxiliary 0.140 3.600 Operating Temperature² °F °C SBX® and SBE® Housings -4° to 221° -20° to 105° Mating Cycles No Load by Plating Silver (Ag) Gold (Au) Power Contacts 10,000 Powerpole® Auxiliary 10,000 1x4 Auxiliary 10,000 PPMX Auxiliary 5,000 Avg. Mating / Unmating Force Lbf. N Main Connector Housing 30 134 Per Powerpole® 5.00 22.00 Per Contact in 1x4 Auxiliary 0.70 3.00 Per PPMX Housing 4.50 20.00 Min. Contact / Spring Retention Force Lbf. N Power Standard Housing 120 533.7 Powerpole® Housing 25 111 1x4 Auxiliary Housing 10 44.5 PPMX Housing 12 53 Materials Housing SBX® and Powerpole® Plastic Resin Polycarbonate SBE® and 1x4 Auxiliary Housing Polycarbonate / PBT blend Contact Retention Spring Stainless Steel Housing Flammability Rating UL94 V-0 Power & Powerpole® Contact Silver Plated Copper Alloy 1x4 Auxiliary Contacts Pin Copper alloy, Au over Ni Socket BeCu, Au over Ni Socket Body Copper alloy, Sn bright over Ni Retention Clip Stainless Steel PPMX Contacts Gold Plated Copper Alloy Contact Termination Methods Crimp³ Hand Solder | SBE®160 / SBX®175 CONNECTOR SPECIFICATIONS | Protection Touch Safety Main Connector Housing IEC 60950 SBE®160 Only Pass IEC 60529 SBX®175 Only IP20 ¹ Based on: 105°C rated or better cable of the largest size, Properly calibrated APP® recommended tooling, and a 25°C ambient temperature. UL rating not to exceed the maximum operating temperature. CSA rating below a 30°C temperature rise. ² Limited by the thermal properties of the connector plastic housing. ³ Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our connectors along with UL and CSA recognition. 4 Voltage capability of SBE® housing is identical to SBX®, but derated to meet EN1175-1 requirements. |
Similar Part No. - 110G19 |
|
Similar Description - 110G19 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |