![]() |
Electronic Components Datasheet Search |
|
110G19 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers |
|
|
110G19 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers |
84 / 108 page ![]() www.andersonpower.com - 82 - All Data Subject To Change Without Notice | SBE®160 / SBX®175 ORDERING INFORMATION | SBE®160 / SBX®175 Connectors - up to 175 Amps SBE®160 / SBX®175 Housings The middle size of SBE®, X, O style housing. SBE® housings are molded from a chemical resistant PBT. SBX® housings are molded from PC. SBE®160 and SBX®175 housings of the same Voltage Color Code can be mated but is not recommended as it invalidates UL approvals. SBX®175 housings do not meet EN1175-1 requirements for industrial trucks. Voltage Color Description Code - SBE®160 Part Numbers - - SBX®175 Part Numbers - Minimum Quantity .... 100 25 100 25 ...... Yellow 12V 2-8170G4 E6383G1 2-7251G4 6383G1 Orange 18V 2-8170G3 E6382G1 2-7251G3 6382G1 Red 24V 2-8170G5 E6385G1 2-7251G5 6385G1 Gray 36V 2-8170G1 E6380G1 2-7251G1 6380G1 Blue 48V 2-8170G2 E6381G1 2-7251G2 6381G1 Green 72V 2-8170G7 E6390G1 2-7251G7 6390G1 Black 80V 2-8170G14 E6392G1 N/A N/A SBE®160 / SB®175 Silver Plated Primary Power Wire Contacts Use two silver plated contacts per housing for the best electrical performance and durability up to 10,000 mating cycles. Dimensions - A - AWG mm² - Loose Piece Part Numbers - inches mm Minimum Quantity .... 500 50 ....................................... 1/0 50 6384G1-BK 6384G1 0.44 11.1 2 35 6384G2-BK 6384G2 0.38 9.7 [ 146.0 ] 5.75 [ 25.4 ] 1.00 [ 92.1 ] 3.63 [ 71.2 ] 2.80 [ 15.9 ] 0.63 [ 49.2 ] 1.94 [ 28.6 ] 1.13 Ø [ 6.7 ] 0.27 Top View Mated Length [ 13.0 ] 0.51 A [ 59.2 ] 2.33 [ 12.7 ] 0.50 [ 21.3 ] 0.84 SBX® and SBE® connectors can integrate up to 8 auxiliary power / signal contacts along with the two primary power circuits. SBE® connectors feature an IEC 60950 touch safe housing molded from a chemical resistant PBT/PC blend resin. SBX® are molded from a rugged PC resin and are rated IP20 per IEC 60529. • Touch Safe Interface Minimizes potential contact with live circuits per IEC 60950 & IEC 60529 • Up to 8 Last Mate / First Break Auxiliary’s Enables intelligent power switching, CAN and interlock loop circuitry, as well as power up to 20 amps per pole • Color-coded Mechanical Voltage Keys Like all Multipole connectors, the SBE® and SBX® offer an easy way to identify circuits and protect against cross mating |
Similar Part No. - 110G19 |
|
Similar Description - 110G19 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |