Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 79Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 80Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 81Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 82Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 83Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 84Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 85Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 86Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
www.andersonpower.com - 81 -
All Data Subject To Change Without Notice
ID
Length
Wire Entrance
A
B
Pin & Socket Contacts for PPMX Auxiliary Connector
Gold plated contacts are ideal for signal or low power use with durability up to 5,000 mating cycles.
Description
AWG
mm²
------ Part Numbers ------
Minimum Quantity ...............................................
2,000
50 ...
Pin Contacts
24 to 20 0.50 to 0.25
4803G3-BK
4803G3
Socket Contacts
24 to 20 0.50 to 0.25
4802G3-BK
4802G3
SBE® Air Tubes
Air tubes fit into SBE® housings to allow electrolyte circulation while charging the battery.
Genderless tube design allows the same part to be used on both sides. (2) Retaining pins
are required to hold the air tube in place. Retaining pins are included in Air Tube Kit.
Description
------ Part Numbers -----
Minimum Quantity ....
500
25 .......
Air Tube Kit, Black
-
6396G1
Air Tube Only
3-5798P1
-
Retaining Pins
Retaining pins are used to hold accessories in the auxiliary port in SBE®, SBO®, & SBX® housings.
Dimension “B” is +/- 0.015 in or 0.38 mm.
Dimensions
- A -
- B -
Description
--- Part Numbers ---
inches
mm
inches
mm
Minimum Quantity ............
1,000
100
..............................................................................
For SBE®80 & SB0®60
110G9-BK
110G9
0.093 / 0.103 2.36 / 2.62
1.000 38.100
Zip Cable Straps
Zip cable straps are used to secure auxiliary wires to the side of the main power cables.
Description
-- Part Number --
Minimum Quantity ....
1,000
......
White
H1835P3
Reducing Bushings
Use with contact part number 1339G1 to allow a smaller wire to be used with the connector. Electrical capability
is derated with smaller wire.
Dimensions
- ID -
- Length -
Contact Barrel Size Wire Size
--------- Part Numbers -------- inches mm
Inches mm
Minimum Quantity .....................................................
3,000
1,000
100 ..................................................
#6 AWG [13.3 mm²] #8 AWG [8.4 mm²]
-
5912-BK 5912 0.18
4.57
0.45
11.43
#6 AWG [13.3 mm²] #12- 10 AWG [3.3- 5.3 mm²]
5910-BK
-
5910 0.14
3.56
0.47
11.94
#6 AWG [13.3 mm²] #16- 14 AWG [1.3- 2.1 mm²]
5913-BK
-
5913 0.09
2.29
0.47
11.94
4803G3
4802G3
NOTE: Contacts sold individually, not sold as a set of two.
Use cable ties to secure auxiliary
contact leads to one of the main cables.
Retaining Pins
Male Dovetail
Powerpole®
Housings With
Crimped Contacts.


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com