Electronic Components Datasheet Search |
|
110G19 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers |
|
|
110G19 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers |
81 / 108 page www.andersonpower.com - 79 - All Data Subject To Change Without Notice | SBE®80 / SBO®60 CONNECTOR TEMPERATURE CHARTS| | SBE®80 / SBO®60 Accessories | 25 50 75 100 125 0 10 20 30 40 50 60 70 80 90 100 SBE®80 / SBO®60 Derating vs. Ambient Temperature Amperes Applied 6 AWG 8 AWG 10 AWG 12 AWG Cable Clamps Clamps are made out the same chemical resistant PBT material that is used in the SBE® housings. Clamp holds the cable between the clamp piece and the connector housing. Screws must be ordered separately for part numbers starting with “113”. Description -------------------------------- Part Numbers -------------------------------- Minimum Quantity ................... 100 25 ..................... Red Clamp and Hardware Kit - SBE80CLPRED or SBO60CLPRED Red Clamp Only 113953P1 - Screws (2 per clamp) H1120P42 (Individual) - “T” Handle Handles are made out the same chemical resistant PBT material that is used in the SBE® housings. (2) screws and (2) nuts are required to attach each handle. Description -------------------------------------- Part Numbers -------------------------------------- Minimum Quantity .................... 500 100 25 ..................... Red Handle and Hardware Kit - - SBE80HDLRED or SBO60HDLRED Red Handle Only 113952P1 - - Hardware Bag - - 105G13 M5 x 35mm Screws - 113715P4 - M5 Nut - 113716P3 - Powerpole® Auxiliary Powerpole® auxiliary connectors are rated up to 30 amps 600 volts and can be used for auxiliary power, control or sensing. The auxiliary kit includes (1) each black and red Standard Powerpole® housing, (2) contacts, (2) zip cable straps, and (2) retaining pins. Description ----------- Part Numbers ----------- Minimum Quantity ............ 200 100 25 ... Powerpole® Auxiliary Kit - 111822G1 6344 Black Powerpole® Housing 1327G6 - - Red Powerpole® Housing 1327 - - #16 to #12 Contact 1331 - - Retaining Pin - 110G9 - Cable Clamp Handle SBE®80 / SBO®60 Temperature Rise at Constant Current Amperes Applied 6 AWG 8 AWG 10 AWG 12 AWG 0 10 20 30 40 50 60 0 10 20 30 40 50 60 70 80 90 NOTE: Temperature rise charts are based on a 25°C ambient temperature. |
Similar Part No. - 110G19 |
|
Similar Description - 110G19 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |