Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 71Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 72Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 73Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 74Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 75Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 76Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 77Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 78Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
www.andersonpower.com - 73 -
All Data Subject To Change Without Notice
| SB®350 CONNECTOR TEMPERATURE CHARTS|
| SB® 350 Accessories |
25
50
75
100
125
Amperes Applied
300 MCM
4/0 AWG
3/0 AWG
2/0 AWG
1/0 AWG
SB®350
Derating vs. Ambient Temperature
0 50 100
200
300
400
500
150
250
350
450
550
Cable Clamps
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls from
dislodging wire or contacts from the housing. Cable clamps are recommended for solder
terminated wires.
Cable Size
Min / Max
Min / Max
Description
Inches O.D.
mm O.D.
- Part Number -
Minimum Quantity ...............................................................................
10
.....
Bolt On for Discrete Conductor
1.00 to 0.35
25.4 to 8.8
996G1
Discrete Conductor w/ Integral Handle 0.76 to 0.32
19.3 to 8.2
911
Handles
Handles are made out of durable PC plastic.
Hardware to attach to connector body included in kits.
Description
----- Part Numbers -----
Minimum Quantity ....
100
25 ...
Gray Handle Kit
995G2-APP 995G2
Red Handle Kit
995G4-APP 995G4
Handle Only, Gray
3-5074P1
-
Handle Only, Red
3-5074P3
-
Handle Only, Black
3-5074P5
-
Hardware Bag
-
106G7
Dust Cover
Prevents dust and dirt from entering the mating interface
of the connector when unmated. NOTE: Not a Hermetic Seal.
Description
----- Part Numbers -----
Minimum Quantity ..............................
500
50 ...
Dust Cover with Lanyard Strap, Red
113890P3
134G3
Slide cover over
mating end.
Amperes Applied
300 MCM
4/0 AWG
3/0 AWG
2/0 AWG
1/0 AWG
SB®350
Temperature Rise at Constant Current
0
10
20
30
40
50
60
0
50 100
200
300
400
500
150
250
350
450
NOTE: Temperature rise charts are based on a 25°C ambient temperature.
The given wire O.D. information is an estimate. Cable clamps should be evaluated for
performance with the actual wire to be used.
Handle
Clamp
“A” frame handle
(not included).
911
996G1


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com