Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 63Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 64Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 65Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 66Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 67Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 68Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 69Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 70Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
www.andersonpower.com - 65 -
All Data Subject To Change Without Notice
| SB® 120 Accessories |
Mounting Clamp for SB®120
Mounting clamps can be used for fastening a SB®120 series housings to a panel.
Fastening hardware not included.
Description
--- Part Number ---
Minimum Quantity ............................
20 sets of 2 ....
Panel Mount Bracket for SBS®50
1467G1
Cable Clamps
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls
from dislodging wire or contacts from the housing. Cable clamps are recommended
for solder terminated wires.
Cable Size
Min / Max
Min / Max
Description
Inches O.D.
mm O.D.
- Part Numbers -
Minimum Quantity ..........................................................................
50
..........
Bolt on for Discrete Conductor
0.70 to 0.23
17.7 to 5.8
981G1
Bolt on for Bundled Conductor
0.73 to 0.29
18.5 to 7.3
981G2
“T” Handle
The “T” handle makes mating and unmating the connector easier. The
non-conductive red plastic material is strong and safe. (2) Self tapping
screws are used to secure the handle to the connector housing.
Description
----------- Part Numbers -----------
Minimum Quantity ..................................
1,000
50 .........
Red “T” Handle + Hardware Bag
-
SB120-HDL-RED
Red “T” Handle Only
113899P1
-
#8 x 7/8” Screw (Order 2 Per Handle)
H1120P43
-
Dust Cover
Prevents dust and dirt from entering the mating interface of the connector
when unmated. NOTE: Not a Hermetic Seal.
Description
------ Part Numbers ------
Minimum Quantity ...................................
100
50 ....
Dust Cover with Lanyard Strap, Black
B02019P1
134G4
Reducing Bushings
Use with contact part number 1319-BK or 6811G6-BK to allow a smaller wire to be used with the
connector. Electrical capability is derated with smaller wire.
Dimensions
- ID -
Contact Barrel Size
Wire Size
---------- Part Numbers ---------- inches mm
Minimum Quantity ....................................................... 2,000
1,000
100
.......................
#2 AWG [33.6 mm²]
#4 AWG [21.2 mm²]
5919-BK
-
5919
0.28
7.11
#2 AWG [33.6 mm²]
#6 AWG [16 mm²]
-
5920-BK 5920
0.23
5.84
#2 AWG [33.6 mm²]
#10 - 8 AWG [5.3 - 8.4 mm²]
5921-BK
5921
0.18
4.57
1.82
1.44
2.38
1.75
0.16 DIA.
4 Places
0.88 High X 1.88 Wide
Panel Cutout
981G1
981G2
The given wire O.D. information is an estimate. Cable clamps should be
evaluated for performance with the actual wire to be used.
Slide cover over
mating end.
ID
[ 21.4 ]
0.84
Wire Entrance


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com