Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 61Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 62Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 63Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 64Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 65Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 66Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 67Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 68Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
www.andersonpower.com - 63 -
All Data Subject To Change Without Notice
SB®120 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
Dimensions
Mating
- A -
- B -
AWG
mm²
Force
------- Loose Piece Part Numbers -------
inches mm
inches mm
Minimum Quantity ...........
600
500
50
...............................................
1
42.4
Low
1323G1-BK
-
1323G1
0.47 11.94
0.39
9.91
2
33.6
Low
-
6811G6-BK
6811G6
0.44 11.18
0.22
5.59
2
33.6
High
-
1319-BK
1319
0.44 11.18
0.22
5.59
4
21.1
Low
-
6811G5-BK
6811G5
0.44 11.18
0.30
7.62
4
21.1
High
-
1319G4-BK
1319G4
0.44 11.18
0.30
7.62
6
13.3
Low
-
6811G4-BK
6811G4
0.44 11.18
0.34
8.64
6
13.3
High
-
1319G6-BK
1319G6
0.44 11.18
0.34
8.64
SB®120 Silver Plated Busbar Contacts
Use 2 busbar contacts per housing to provide a quick disconnect input or
output busbar connection. Busbar contacts are for mating with wire contacts only.
Part number 120BBS includes lock nuts. Locknuts must be ordered separately
for B01997P1.
Mating
Type
Thread Force
------------ Loose Piece Part Numbers ------------
Minimum Quantity ...............
1,000
300
20
10 ....
Busbar
#10-24 High
-
B01997P1
-
120BBS
Lock Nut #10-24
-
H1216P8
-
110G54
-
[ 50.8 ]
2.0
[ 21.3 ]
0.84
[ 10.4 ]
0.41
B
A
See Busbar contact drawing on
website for further detail.
[ 77.0 ]
3.03
[ 11.1 ]
0.44
[ 9.5 ]
0.38
[ 2.5 ]
0.10
#10 - 24 THD


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com