Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 2Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 3Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 4Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 5Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 6Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 7Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 8Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 9Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
www.andersonpower.com
- 4 -
All Data Subject To Change Without Notice
| General Application Notes |
There are common considerations when using APP® connectors. Additional considerations may apply based on the
particular connector being used, the application, and conditions in which the connector is being used. This information
is intended to provide a basic understanding and is provided for reference only. APP® connectors should be assembled
and used according to the equipment manufacturer’s instructions, as well as in compliance with local and international
electrical codes.
The maximum amperage ratings provided in the specifications are based on use of APP® recommended assembly
tooling and the maximum wire size for the connector being used. Amperage ratings are based on not exceeding the
maximum operating temperature of the connector housing, factoring in an ambient temperature of 25°C or 77°F.
A wire with an appropriate insulation temperature rating should be selected to meet or exceed the total connector
temperature (heat rise + ambient).
As an example: if the maximum operating temperature for a connector operation is 105°C and the ambient temperature
is 25°C, the maximum heat rise attributable to the connector is 105°C - 25°C = 80°C. The expected heat rise based
on the connector and wire size used can be estimated using the heat rise charts, but should be confirmed by testing
in the specific application with the specific wire to be used.
Connector devices are rated or derated by the wiring configuration and the environment. Factors to be considered include:
enclosure characteristics, connector housing and wire insulation characteristics, number of wires in an enclosed area
such as a raceway or conduit, as well as the ambient temperature.
Underwriter Laboratories Inc. amperage ratings are based on not exceeding the maximum operating temperature of
the connector housing. This means connectors can be extremely hot when used at the UL amperage ratings. For this
reason UL amperage ratings should only be applied to connectors when they are used inside an enclosure not accessible
to untrained persons. Canadian Standards Association ratings are based on not exceeding a 30°C temperature rise
above ambient temperatures. For this reason CSA amp ratings are a good point of reference for connectors that are
user operated. APP® does not recommend exceeding a 30°C temperature rise above ambient temperatures for connections
accessible during operation to untrained persons.
| How to Read Temperature Charts |
Tempearture Rise at Constant Current Charts
Temperature Rise at Constant Current charts show the associated heat rise
as a result of applied current to the connector. An example of the SB®50
Temperature Rise chart is included to follow along with this explanation.
The chart is based on an ambient temperature of 25°C (77°F room
temperature). Accordingly if the temperature °C on the Y axis of the chart is at
30°C, the expected total connector temperature would be 55°C.
Separate curves are shown for #6, #8, #10, and #12 AWG wire. Interpreting
the curves, if 50 amps are applied continuously to the connector, the heat rise
will be 23°C for #6, 35°C for #8, 55°C for #10, and #12 wire is not suitable for
this amperage.
Where T = Temperature, heat rise is expressed as a ΔT°C.
T ambient - T (ambient + heat from applied current) = ΔT°C.
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90
6 AWG
8 AWG
10 AWG
12 AWG
SB®50
Temperature Rise at Constant Current
Amperes Applied


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com