Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 53Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 54Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 55Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 56Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 57Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 58Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 59Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 60Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
www.andersonpower.com - 55 -
All Data Subject To Change Without Notice
Slide cover over
mating end.
Shown with the SB®50
5905
Shown with the SB®50
Bolt on bundled
conductors.
990
[ 55.5 ]
2.18
[ 36.4 ]
1.44
[ 45.9 ]
1.81
Clamp hardware requires phillips or flat blade
screwdriver to assemble.
[ 21.8 ]
0.86
[ 48.3 ]
1.90
The given wire O.D. information is
an estimate. Cable clamps should
be evaluated for performance with
the actual wire to be used.
The given wire O.D. information is an esti-
mate. Cable clamps should be evaluated for
performance with the actual wire to be used.
T-Handle for SBS®75G
The “T” handle makes mating and unmating the connector easier. The non-conductive
red plastic material is strong and safe. (2) Machine screws and lock nuts.
Description
--- Part Number ---
Minimum Quantity ..............................
50 .........
Red “T” Handle + Hardware Bag
SBS75GHDL-RED
Dust Cover SBS®50
Prevents dust and dirt from entering the mating interface of the
connector when unmated. NOTE: Not a Hermetic Seal.
Description
---- Part Number ----
Minimum Quantity ...............................
500
50 ...
Dust Cover with Lanyard Strap, Red
113890P1
134G1
Cable Clamps for SBS®50
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls from dislodging
wire or contacts from the housing. Cable clamps are recommended for solder terminated wires.
Cable Size
AWG or
mm² or
Description
(Inches O.D.)
(mm O.D.)
----- Part Numbers -----
Minimum Quantity ............................................................................................
500
50 ...
Self Attaching for Discrete Conductor
8 to 6
10
990-BK
990
Self Attaching for Discrete Conductor
12 to 10
4 to 6
990G2-BK
990G2
Bolt On for Discrete Conductor
12 to 6
4 to 10
990G1-BK
990G1
Bolt On for Bundled Conductor
(0.320 to 0.450)
(4.27 to 11.43)
5905-BK
5905
Cable Clamps for SBS®75X with Integral Handle
Rugged chemical resistant PBT/ PC plastic cable clamps securely hold cables to prevent accidental strain or pulls from dislodging
wire or contacts from the housing. Cable clamps are recommended for solder terminated wires.
Cable Size AWG or
mm² or
Description
(Inches O.D.)
(mm O.D.)
------------------ Part Numbers -------------------
Minimum Quantity .....................................................................................................
100
25 .....
Large Wire Clamp Kit w/ Hardware
12 to 6 (0.39 to 0.60)
4 to 10 (9.9 to 15.2)
SBS75XCLP1-BK
SBS75XCLP1
Small Wire Clamp Kit w/ Hardware
12 to 6 (0.34 to 0.55)
4 to 10 (8.6 to 14.0)
SBS75XCLP2-BK
SBS75XCLP2
Self attaching discrete conductor.


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com