![]() |
Electronic Components Datasheet Search |
|
110G19 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers |
|
|
110G19 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers |
51 / 108 page ![]() www.andersonpower.com - 49 - All Data Subject To Change Without Notice SBS® Connectors - up to 105 amps The patented SBS® connector family is designed to provide high power in a compact ergonomic housing with protection against accidental contact with live circuits. This is of particular importance in applications where DC voltages exceed 30 volts and can be health threatening. Wire-to-wire and wire-to-board configurations both provide power contacts rated up to 105 amps. The SBS®75X offers up to 4 mate-last break-first auxiliary power contacts rated up to 20 amps. The SBS®75G features a third first-mate last-break ground or power contact. All contact positions are rated for circuit interruption (hot plugging). • Touch Safe Interface - Can safely be used in through panel applications - Minimizes potential contact with live circuits per IEC 60950 • Wire-to-Wire and Wire-to-Board Configurations Allows one connector to meet multiple needs • Ground or Auxiliary Contacts Integrated into the One Piece Housing Meets all connection requirements in one compact connector housing | SBS® ORDERING INFORMATION | SBS®50 Standard Housings Polycarbonate housings feature 2 positions all finger proof. Genderless design mates with itself. Mechanical keys are color coded. Voltage Color Description Code ----------- Part Numbers ----------- Minimum Quantity ...... 500 50 ... Red 24V SBS50RED-BK SBS50RED Gray 36V SBS50GRA-BK SBS50GRA Blue 48V SBS50BLU-BK SBS50BLU Green 72V SBS50GRN-BK SBS50GRN Black 80V SBS50BLK-BK SBS50BLK Brown 96V SBS50BRN-BK SBS50BRN White 192V SBS50WHT-BK SBS50WHT SBS®50 Chemical Resistant (CR) Housings Same features as the standard housings, but molded out of a chemical resistant PBT/ PC blend. Suitable for use to -40°C. Voltage Color Description Code ------------ Part Numbers ------------- Minimum Quantity ...... 500 50 ... Red 24V PSBS50RED-BK PSBS50RED Gray 36V PSBS50GRA-BK PSBS50GRA Blue 48V PSBS50BLU-BK PSBS50BLU Green 72V PSBS50GRN-BK PSBS50GRN Black 80V PSBS50BLK-BK PSBS50BLK Brown 96V PSBS50BRN-BK PSBS50BRN [84.8] 3.34 [ 16.5 ] 0.65 [ 55.8 ] 2.20 [ 19.1 ] 0.75 [ 6.3 ] 0.25 [ 36.1 ] 1.42 [ 3.6 ] 0.14 (2) Material ID [ 18.0 ] 0.71 P = Chemical Resistant SBS®75G SBS®75X Wire to Wire |
Similar Part No. - 110G19 |
|
Similar Description - 110G19 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |