Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  110G19 Datasheet HTML 1Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 2Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 3Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 4Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 5Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 6Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 7Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 8Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
www.andersonpower.com - 3 -
All Data Subject To Change Without Notice
| Product Selection Worksheet |
Prior to selecting an interconnect solution from Anderson Power Products®, we recommend you gather the following
information. This will aid you in quickly identifying the best product for your particular need.
Amps
Continuous ________________
max amps at ___________ volts
Peak _____________________
max amps ___________ seconds
Temperature
Operating _____________
Storage ____________
Circuit Definition
Number of Circuits:
Wire Gauge:
Power ____________________
________________________
Ground ____________________
________________________
Auxiliary ____________________
________________________
Other
____________________
________________________
Application
□ PCB to PCB
□ Wire to PCB
□ Wire to Bus Bar
□ Wire to Wire
□ Wire to Panel
□ Other _______________________________
Mounting Method (if applicable)
□ PCB
□ Panel
□ Blind Mate
Contacts
□ Mating Cycles _____ □ Individual
□ Reeled
□ Tin
□ Silver
□ Gold
□ Straight
□ Right Angle
Other Features
□ Hot Plug
□ Touch Safe per _______
□ Flame Resistance per ___________
□ IP rating of __________
□ Sequencing
□ Strain Relief
□ Polarized Housing
□ Mechanical Housing Key
□ Latching
□ Handle
□ Other _____________________________________________________________________________________
____________________________________________________________________________________________
____________________________________________________________________________________________
NOTES:


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com