Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 41Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 42Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 43Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 44Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 45Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 46Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 47Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 48Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
www.andersonpower.com - 43 -
All Data Subject To Change Without Notice
Powerpole®
- Tooling Information
AWG
mm²
Loose Piece Part Numbers
Tin
Plating
Silver
Plating
Hand
Tool
Die
Locator
Number
of Crimps
Tin
Plating
Silver
Plating
ATS
Applicator
ATS
Press
Air Feed
Kit*
Wire Size
or
Pneumatic
Bench
Tool
+
+
Loose Piece Contact Crimp Tool
Reeled Part Numbers Reeled Contact Crimp Tools
16 / 20
12 / 16
16 / 20
16 / 20
16 / 20
12 / 16
10 / 14
12 / 16
10 / 14
10 / 14
10 / 14
10 / 14
1.3 / 0.52
N/A
1332
3.3 / 1.3
N/A
1331
1.3 / 0.52 262G1-LPBK 262G2-LPBK
262G1
262G2
1385519-1
1.5 / 0.52 200G2L-LPBK 200G4L-LPBK
200G2L
200G4L
TBD
1.3 / 0.52 269G2-LPBK
N/A
269G2
N/A
1385519-1
3.3 / 1.3 261G1-LPBK 261G4-LPBK
261G1
261G4
1385520-1
5.3 / 2.1 261G2-LPBK 261G3-LPBK
261G2
261G3
1385458-1
3.3 / 1.3 269G1-LPBK
N/A
269G1
N/A
1385520-1
5.3 / 2.1 269G3-LPBK
N/A
269G3
N/A
1385458-1
6.0 / 2.1 200G1L-LPBK 200G3L-LPBK
200G1L
200G3L
1385460-1
6.0 / 2.1 201G1H-LPBK 201G3H-LPBK
201G1H
201G3H
1385460-1
6.0 / 2.1 1830G1-LPBK 1830G2-LPBK
1830G1
1830G2
1385460-1
1307
5900
#8
8.4
5952
5953
5915
1/0
53.5
1323G2
#1
42.4
1323G1
#2
33.6
1319
#4
21.2
1319G4
#6
13.3
1319G6
3/0
85
1328G2
1303G12
2/0
53.5
1328G1
1303G13
#1
42.4
1347
1387G2 1303G13 1304G32
Double
1387G1 1388G3 1389G3
Single
1387G2 1303G13 1304G32
Double
#6
13.3
1348
1387G1 1388G4 1389G3
Single
* All ATS applicators for APP® contacts are air feed style, (except 1385870) and require the press to have an air feed kit installed.
Double
Single
1309G2
or
1309G8
1367G1
N/A
1309G3
or
1309G8
1309G6
or
1309G8
Single
1387G1
1388G6
1389G6
N/A
N/A
N/A
Single
N/A
#6
13.3
1309G4
#10 / 12 5.3 / 3.3
N/A
N/A
1368
1387G1
1387G2
1388G4
1389G4
1388G3
1304G32
1385523-1
1385522-1
265G6
1/0
53.5
1382
1387G1
#2
N/A
1368
1388G3 1389G3
265G5
N/A
N/A
N/A
Single
1388G7
33.6
1383
#4
21.1
1384
N/A
1725900-2
or
[3-54500-1]
N/A
N/A
N/A
1424266-1
or
[354578-1]
2-565435-2 692655-1
1725900-2
or
[3-54500-1]
1424266-1
or
[354578-1]
N/A
PP180
PP120
PP75
PP15 / 45 Flat Wiping Power & Ground
NOTE: See website for the most current information.


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com