Electronic Components Datasheet Search |
|
110G19 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers |
|
110G19 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers |
35 / 108 page www.andersonpower.com - 33 - All Data Subject To Change Without Notice | PP75 SPECIFICATIONS | Electrical Current Rating Amperes¹ UL 1977 CSA Wire to Wire (6 AWG) 120 70 Wire to PCB (6-AWG) 55 50 Wire to Busbar (6 AWG) 75 Voltage Rating AC/DC UL 1977 600 PCB Connector Recommended Voltage 3 per IEC 60950-1 Table 2L Pollution Degree 2 Mini Vert. Contact Adjacent Poles 220 Mini Horiz. Contact Adjacent Poles 200 Standard Contact Adjacent Poles 635 Dielectric Withstanding Voltage Volts AC 2,200 Avg. Mated Contact Resistance Milliohms¹ Wire Contact with 1 1/4” of #6 AWG 0.200 PCB Contact to Contact 0.500 UL Hot Plug Current Rating Amperes - 250 cycles at 120V DC Wire- wire 50A PCB- wire (Vertical Mini Powerclaw) 40A Mechanical Wire Size Range AWG mm² 16 to 6 1.3 to 13.3 Max. Wire Insulation Diameter in. mm 0.437 11.100 Operating Temperature² °F °C Standard -4° to 221° -20° to 105° Chemical Resistant* -40 to 221° -40° to 105° *Chemical resistant material not available for PCB guide housings Mating Cycles No Load by Plating Silver (Ag) Tin (Sn) Wire and PCB Contacts 10,000 1,500 Avg. Mating / Unmating Force Lbf. N Wire to Wire Low Force Contacts 5 22 Wire to Wire High Force Contacts 7 31 Standard Powerclaw to Wire 7 31 Mini Powerclaw to Wire 4 17 PCB Specifications Mounting Style Plated Through Hole Max PCB Thickness- in. [mm] Standard: 0.15 [0.381] Mini: 0.25 [0.635] Recommended Traces #8 AWG Cross Section Min. Contact / Spring Retention Force Lbf. N Wire Housing 50 222 Min. Creepage / Clearance Distance PCB in. mm Standard Powerclaw Adjacent Poles 0.260 6.6 Mini Vert. Powerclaw Adjacent Poles 0.087 2.2 Mini Horz. Powerclaw Adjacent Poles 0.079 2.0 Materials Housing Standard Plastic Resin Polycarbonate Chem. Resistant Resin Polycarbonate / PBT blend Contact Retention Spring Stainless Steel Housing Flammability Rating UL94 V-0 Contact Base Copper Alloy Wire Plating Silver PCB Plating Sn or Ag over Ni Contact Termination Methods Crimp4 Wire Contacts Hand Solder Wire and PCB Contacts Solder Dip* PCB Contacts Wave Solder* PCB Contacts Wrench / Socket Busbar Contacts ¹ Based on: 105°C rated or better cable of the largest size, Properly calibrated APP® recommended tooling, and a 25°C ambient temperature. UL rating not to exceed the maximum operating temperature. CSA rating below a 30°C temperature rise. ² Limited by the thermal properties of the connector plastic housing. ³ Without use of spacers to increase creepage and clearance distances. 4 Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our connectors along with UL and CSA recognition. Protection Touch Safety with Wire Contacts IEC 60529 IP10 |
Similar Part No. - 110G19 |
|
Similar Description - 110G19 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |