Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 29Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 30Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 31Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 32Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 33Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 34Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 35Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 36Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
www.andersonpower.com - 31 -
All Data Subject To Change Without Notice
[ 30.0 ]
1.18
[ 7.2 ]
0.28
[ 11.4 ]
0.45
[ 7.1 ]
0.28
A
[ 32.2 ]
1.27
A
B
[ 47.9 ]
1.88
[ 69.1 ]
2.72
[ 2.0 ]
0.08
[ 17.1 ]
0.68
See Busbar contact drawing on
website for further detail.
PP75 Housing
Standard Powerclaw Contact
Second housing
and contact in two
pole version only.
[ 5.2 ]
0.20
[ 22.2 ]
0.87
[ 48.0 ]
1.89
[ 66.0 ]
2.60
[ 17.0 ]
0.67
[ 32.8 ]
1.29
See PCB contact drawing on
website for further detail.
PP75 Locking Dovetail Housings
Offers dovetails for stacking housings that have a locking feature to prevent housings separating.
Can mate to standard and chemical resistant housings, but cannot be stacked with them.
Description
---------- Part Numbers -----------
Minimum Quantity ....
1,000
100 .....
Red
75LOKRED-BK
75LOKRED
Green
75LOKGRN-BK
75LOKGRN
Black
75LOKBLK-BK
75LOKBLK
White
75LOKWHT-BK
75LOKWHT
Blue
75LOKBLU-BK
75LOKBLU
Gray
75LOKGRA-BK
75LOKGRA
PP75 Silver Plated Wire Contacts
Silver plated contacts offer the best electrical performance and durability up to 10,000 mating cycles.
Dimensions
Mating
Loose Piece
- A -
AWG
mm²
Force
-- Part Numbers --
inches mm
Minimum Quantity ........................ 1,000
100
........................
6
13.3
Low
1307-BK 1307
0.22
5.59
6
13.3
High
5900-BK 5900
0.22
5.59
8
8.4
High
5952-BK 5952
0.19
4.83
12 to 10
3.3 to 5.3 Low
5953-BK 5953
0.14
3.56
12 to 10
3.3 to 5.3 High
5915-BK 5915
0.14
3.56
PP75 Tin Plated Reeled Wire Contacts
Reeled contacts are for use with the recommended high volume press and applicator tooling.
Tin plating is rated for up to 1,500 mating cycles. Silver plated or low mating force contacts
may be available for high volume applications. Inquire with customer service.
Reeled
Dimensions
Mating
Part
- A -
- B -
AWG
mm²
Force
Numbers
inches mm
inches mm
Minimum Quantity .......................
2,000 ........................................................
8 to 6
8.4 to 13.3
High
265G5
0.26
6.60
0.36
9.14
12 to 10 3.3 to 5.3
High
265G6
0.17
4.32
0.29
7.37
PP75 Silver Plated Busbar Contacts
Provide a quick disconnect input or output busbar connection. Busbar contacts are
for mating with wire contacts only. Part number 75BBS includes lock nuts. Locknuts
must be ordered separately for B01956P4.
Mating
Type
Thread
Force
-------------------- Part Numbers --------------------
Minimum Quantity .................
1,000
120
20
10 ...
Busbar
#10-24
High
B01956P4 B01956P4
-
75BBS
Lock Nut
#10-24
-
H1216P8
-
110G54
-
55A Right Angle Standard Powerclaw PCB Contacts
Standard Powerclaw contacts are for use inside a PP75 housing and
provide a color coded right angle connection to the PCB.
Description
--- Loose Piece Part Numbers --
Minimum Quantity .....
500
100 ........
Tin Plated
PC5930T-BK
PC5930T
Silver Plated
PC5930S-BK
PC5930S


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com