Electronic Components Datasheet Search |
|
110G19 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers |
|
110G19 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers |
22 / 108 page www.andersonpower.com - 20 - All Data Subject To Change Without Notice | PP15-45 ORDERING INFORMATION | PP15-45 series are the smallest Powerpole® housings. They can be used for wire-to-wire or wire-to-board applications. Wire sizes from #20 AWG (0.5 mm²) to #10 (6 mm²) offer power capabilities up to 55 amps per pole. Finger proof housings and the ability to incorporate first-mate last-break ground connectors enhance the capabilities of this Powerpole® series. High Power Density • Up to 55 amps in a compact footprint Wire-to Wire & Wire-to-Board Configurations • Wire & PCB contacts can be used in the same housings Finger Proof Housings Available • Protects against accidental contact with live circuits Powerpole® Connectors - PP15 to PP45 : up to 55 Amps [ 26.6 ] 0.97 [ 41.2 ] 1.62 [ 8.4 ] 0.33 [ 7.9 ] 0.31 [ 7.9 ] 0.31 PP15-45 Finger Proof & Standard & Ground Housing Dimensions Finger Proof Rib Feature [ 17.27 ] 0.68 [ 3.81 ] 0.15 [ 6.35 ] 0.25 A Open Barrel Contact 45A Premate Ground Housings Green housings are keyed to prevent accidental mating with standard or finger proof Powerpole® housings. Description ------- Part Number ------- Minimum Quantity ... 2,500 200 ... Green 1827G1-BK 1827G1 Front View Mated Length PP15-45 Finger Proof Housings Improved on the original APP® design by adding ribs to mating interface to protect against accidental contact with live circuits. Meets the requirements of UL1977 section 10.2 and is rated IP20. Will not mate with standard housings. Description ------------ Part Numbers ------------ Minimum Quantity ... 2,500 200 ..... Red 1327FP-BK 1327FP Green 1327G5FP-BK 1327G5FP Black 1327G6FP-BK 1327G6FP White 1327G7FP-BK 1327G7FP Blue 1327G8FP-BK 1327G8FP Yellow 1327G16FP-BK 1327G16FP PP15-45 Standard Housings The original housing design has an open interface and is available in a wide array of colors. Will not mate with finger proof housings. Description ------- Part Numbers ------ Minimum Quantity ... 2,500 200 ... Red 1327-BK 1327 Green 1327G5-BK 1327G5 Black 1327G6-BK 1327G6 White 1327G7-BK 1327G7 Blue 1327G8-BK 1327G8 Yellow 1327G16-BK 1327G16 Orange 1327G17-BK 1327G17 Gray 1327G18-BK 1327G18 Brown 1327G21-BK 1327G21 Pink 1327G22-BK 1327G22 Purple 1327G23-BK 1327G23 PP15-45 Tin Plated Power Contacts Offer cost effective performance up to 1,500 mating cycles. See specifications and temperature charts for amperage ratings by wire size. Dimensions Mating Loose Piece Reeled - A - Barrel AWG mm² Force -------- Part Numbers ------- inches mm Minimum Quantity ....................................... 200 5,000 ......................... Open 14 to 10 K* 2.1 to 5.3 High 269G3-LPBK 269G3 0.21 5.33 Open 14 to 10 K* 2.1 to 5.3 Low 261G2-LPBK 261G2 0.20 5.08 Open 14 to 10 SF* 2.1 to 6.0 High 201G1H-LPBK 201G1H 0.24 6.10 Open 14 to 10 SF* 2.1 to 6.0 Low 200G1L-LPBK 200G1L 0.24 6.10 Open 16 to 12 1.3 to 3.3 High 269G1-LPBK 269G1 0.18 4.57 Open 16 to 12 1.3 to 3.3 Low 261G1-LPBK 261G1 0.18 4.57 Open 20 to 16 0.52 to 1.3 High 269G2-LPBK 269G2 0.16 4.06 Open 20 to 16 0.52 to 1.3 Low 262G1-LPBK 262G1 0.16 4.06 Open 20 to 16 SF* 0.52 to 1.5 Low 200G2L-LPBK 200G2L 0.20 5.08 K* - For #10 AWG class K stranded wire or smaller. For larger wires use superflex contacts. SF*- Indicates wires with high stranding such as Super Flex. |
Similar Part No. - 110G19 |
|
Similar Description - 110G19 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |