Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 16Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 17Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 18Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 19Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 20Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 21Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 22Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 23Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
www.andersonpower.com
- 18 -
All Data Subject To Change Without Notice
Powerpole® connectors can be easily customized to each power connection need. Choose from a wide range of
colored housings and stack them together into a multiple position connection. Durable silver or tin plated contacts
crimp and poke into housings and are available for a broad range of wire sizes. PCB and busbar contacts can also
be simply snapped into place using the same housings. Pre-mate ground / power housings and contacts can be
used for safety or sequencing and stack along with standard housings.
How to Create Mating Blocks of Stacked Powerpole® Connectors
A Single Row Assembly such as the 1x3 shown below will mate to itself. If an assembly has more than one row
such as the Two Row Assembly 2x1 shown below, then a different mirror image mating assembly is required.
Single Row Assembly 1x3
Two Row Assembly 2x1
To Create a Mirror Image Mating Assembly:
When mating blocks are viewed with their hoods in the respective orientation (down or up), the column position of
connectors is unchanged. The rows themselves are mirror images of each other. So in the below example, what
is column 1 on side A, is column 3 on side B.
Side A Hood Down
Side B Hood Up
Powerful Versatility
- Create Your Own Custom Connector from Durable Proven Components
A
B
C
D
E
F
G
H
I
C
B
A
F
E
D
I
H
G
Hood Up
Hood Down


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com