Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 14Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 15Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 16Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 17Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 18Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 19Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 20Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 21Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
www.andersonpower.com
- 16 -
All Data Subject To Change Without Notice
Stackable Modular Housings
Available in four sizes to right
size your connection need
Color Coded Housings
Help ensure that connectors
are assembled and mated
correctly
This versatile connector series invented by Anderson Power
Products® meets a wide range of power connection needs.
There are four basic housing sizes in the Powerpole®
product family that allow specific amperage or wire size
needs to be filled in the most compact footprint. Powerpole®
can handle up to 350 amperes per pole and accommodate
wire ranges of #20 AWG (0.5 mm²) to 3/0 (70 mm²). A wide
range of colored housing options can be stacked together to
create a proven reliable custom connector. These housings
can be used with different contacts to create wire-to-wire,
wire-to-board, or wire-to-busbar connections. The
Powerpole® combines high quality materials and a cost
effective innovative design to allow powerful versatility.
®
Powerpole® Connectors
- PP15 to PP180
Hot Plugging AC or DC
Contacts feature a sacrificial
tip that allow high current
circuit interrupt
Connection Versatility
Contacts for wire, PCB,
or busbar all fit into the
same housings
Low Resistance Connection
Silver or tin plated contacts
inside housings that strongly
force the contacts together
Self Securing Design
Stainless steel springs create
a robust force between the
contacts that holds the con-
nector in the mated condition,
but allows it to be quickly dis-
connected
Genderless Housings
Provide simplified assembly
and minimize the number of
components


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com