Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G19 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 110G19
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110G19 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 110G19 Datasheet HTML 12Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 13Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 14Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 15Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 16Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 17Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 18Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 19Page - List of Unclassifed Manufacturers 110G19 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
www.andersonpower.com
- 14 -
All Data Subject To Change Without Notice
| Standard to Metric Conversions |
LENGTH
LENGTH
in
inches
25.4
millimeters
mm
mm
millimeters
0.039
inches
in
ft
feet
0.305
meters
m
m
meters
3.28
feet
ft
AREA
AREA
in2
square
inches
645.2
square
millimeters
mm2
mm2
millimeters
0.0016
square
inches
in2
ft2
square feet
0.093
square
meters
m2
m2
square
meters
10.764
square feet
ft2
VOLUME
VOLUME
fl oz
fluid
ounces
29.57
milliliters
mL
mL
milliliters
0.034
fluid
ounces
fl oz
gal
gallons
3.785
liters
L
L
liters
0.264
gallons
gal
ft3
cubic feet
0.028
cubic
meters
m3
m3
cubic
meters
35.314
cubic feet
ft3
MASS
MASS
oz
ounces
28.35
grams
g
g
grams
0.035
ounces
oz
lb
pounds
0.454
kilograms
kg
kg
kilograms
2.202
pounds
lb
TEMPERATURE
TEMPERATURE
(F-32) x 5 /
9
or
oF
Fahrenheit
(F-32) / 1.8
Celsius
oC
oC
Celsius
1.8C + 32
Fahrenheit
o F
FORCE and PRESSURE or STRESS
FORCE and PRESSURE or STRESS
lbf
poundforce
4.45
newtons
N
N
newtons
0.225
poundforce
lbf
lbf/in 2
poundforce
per square
6.89
kilopascals
kPa
kPa
kilopascals
0.145
poundforce
per square
inch
lbf/in2
Approximate Conversions
From: Standard / US Customary
To: SI / Metric Units
Approximate Conversions
From: SI / Metric Units
To: Standard / US Customary
When
You
Know
Multiply
By
To Find
Symbol
When
You
Know
Multiply
By
To Find
Symbol
inch
Symbol
Symbol


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
110G19 APP-110G19 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com