Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QLM-40-20-10 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QLM-40-20-10
Description  QLM Fan Vibration Sleeves
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QLM-40-20-10 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QLM-40-20-10 Datasheet HTML 1Page - Qualtek Electronics Corporation QLM-40-20-10 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F
A
C
X
Y
E
G
X-Y
B
S
H
G ( Flanschbreite )
Part Number
QLM
A
Inch / mm
B
Inch / mm
C
Inch / mm
D
Inch / mm
E
Inch / mm
F
Inch / mm
G
Inch / mm
H
Inch / mm
S
Inch / mm
PANEL
THICKNESS
Inch / mm
QLM-40-20-10
QLM-40-20-20
QLM-60-30-10
QLM-60-30-20
QLM-80-40-10
QLM-80-40-20
QLM-80-50-10
QLM-80-50-20
QLM-92-40-10
QLM-92-40-20
QLM-92-50-10
QLM-92-50-20
QLM-119-40-10
QLM-119-40-20
QLM-119-50-10
QLM-119-50-20
QLM-119-60-10
QLM-119-60-20
1.692 / 43
1.692 / 43
2.520 / 64
2.520 / 64
3.307 / 84
3.307 / 84
3.307 / 84
3.307 / 84
3.819 / 97
3.819 / 97
3.819 / 97
3.819 / 97
4.921 / 125
4.921 / 125
4.921 / 125
4.921 / 125
4.921 / 125
4.921 / 125
1.574 / 40
1.574 / 40
2.362 / 60
2.362 / 60
3.150 / 80
3.150 / 80
3.150 / 80
3.150 / 80
3.622 / 92
3.622 / 92
3.622 / 92
3.622 / 92
4.685 / 119
4.685 / 119
4.685 / 119
4.685 / 119
4.685 / 119
4.685 / 119
1.496 / 38
1.496 / 38
2.283 / 58
2.283 / 58
3.031 / 77
3.031 / 77
3.031 / 77
3.031 / 77
3.504 / 89
3.504 / 89
3.504 / 89
3.504 / 89
4.567 / 116
4.567 / 116
4.567 / 116
4.567 / 116
4.567 / 116
4.567 / 116
.177 / 4.5
.177 / 4.5
.197 / 5.0
.197 / 5.0
.228 / 5.8
.228 / 5.8
.228 / 5.8
.228 / 5.8
.236 / 6.0
.236 / 6.0
.236 / 6.0
.236 / 6.0
.315 / 8.0
.315 / 8.0
.315 / 8.0
.315 / 8.0
.315 / 8.0
.315 / 8.0
.581 / 14.75
.620 / 15.75
.689 / 17.5
.728 / 18.5
.728 / 18.5
.768 / 19.5
.807 / 20.5
.846 / 21.5
.768 / 19.5
.807 / 20.5
.846 / 21.5
.886 / 22.5
.866 / 22.0
.906 / 23.0
.945 / 24.0
.984 / 25.0
1.024 / 26.0
1.063 / 27.0
.207 / 5.25
.207 / 5.25
.295 / 7.5
.295 / 7.5
.335 / 8.5
.335 / 8.5
.374 / 9.5
.374 / 9.5
.374 / 9.5
.374 / 9.5
.413 / 10.5
.413 / 10.5
.374 / 9.5
.374 / 9.5
.413 / 10.5
.413 / 10.5
.453 / 11.5
.453 / 11.5
.008 / 2.0
.008 / 2.0
.008 / 2.0
.118 / 3.0
.157 / 4.0
.157 / 4.0
.197 / 5.0
.197 / 5.0
.157 / 4.0
.157 / 4.0
.197 / 5.0
.197 / 5.0
.157 / 4.0
.157 / 4.0
.197 / 5.0
.197 / 5.0
.236 / 6.0
.236 / 6.0
.138 / 3.5
.178 / 4.5
.157 / 4.0
.197 / 5.0
.157 / 4.0
.197 / 5.0
.157 / 4.0
.197 / 5.0
.157 / 4.0
.197 / 5.0
.157 / 4.0
.197 / 5.0
.177 / 4.5
.217 / 5.5
.177 / 4.5
.217 / 5.5
.177 / 4.5
.217 / 5.5
.039 / 1.0
.079 / 2.0
.039 / 1.0
.079 / 2.0
.039 / 1.0
.079 / 2.0
.039 / 1.0
.079 / 2.0
.039 / 1.0
.079 / 2.0
.039 / 1.0
.079 / 2.0
.039 / 1.0
.079 / 2.0
.039 / 1.0
.079 / 2.0
.039 / 1.0
.079 / 2.0
.030 / .75 - .049 / 1.25
.059 / 1.5 - .098 / 2.5
.030 / .75 - .049 / 1.25
.059 / 1.5 - .098 / 2.5
.030 / .75 - .049 / 1.25
.059 / 1.5 - .098 / 2.5
.030 / .75 - .049 / 1.25
.059 / 1.5 - .098 / 2.5
.030 / .75 - .049 / 1.25
.059 / 1.5 - .098 / 2.5
.030 / .75 - .049 / 1.25
.059 / 1.5 - .098 / 2.5
.030 / .75 - .049 / 1.25
.059 / 1.5 - .098 / 2.5
.030 / .75 - .049 / 1.25
.059 / 1.5 - .098 / 2.5
.030 / .75 - .049 / 1.25
.059 / 1.5 - .098 / 2.5
40
20
10 or 20
Ordering Information:
Series
Fan Size B
Fan Flange Thickness
QLM Fan Vibration Sleeves
Material:
TPE (Thermoplastic Elastomer) RoHS Compliant
Color:
Black
Hardness:
ca 70° Shore A
Fire Resistance:
UL94-V0
CUSTOM SIZES AVAILABLE BY REQUEST
7610 Jenther Drive,
Mentor, OH 44060
Phone: 1-440-951-3300
Fax: 1-440-951-7252
E-Mail: mailbox@qualtekusa.com
Web: www.qualtekusa.com
10 = panel thickness from 0.75 to 1.25mm
20 = panel thickness from 1.50 to 2.50mm
REV. QLM003


Similar Part No. - QLM-40-20-10

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
QLM-40-20-10 PRODUCTWELL-QLM-40-20-10 Datasheet
837Kb / 1P
QLM Fan Vibration Sleeves
More results

Similar Description - QLM-40-20-10

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QF-40-01 QUALTEK-QF-40-01 Datasheet
302Kb / 1P
Filter Media for QLM Sleeves
QSB-40-01 QUALTEK-QSB-40-01 Datasheet
348Kb / 1P
EMI Filter Shields for QLM Sleeves
QSG-40-02 QUALTEK-QSG-40-02 Datasheet
658Kb / 1P
Plastic Fan Guards for QLM Sleeves
logo
Productwell Precision E...
QLM-40-20-10 PRODUCTWELL-QLM-40-20-10 Datasheet
837Kb / 1P
QLM Fan Vibration Sleeves
logo
List of Unclassifed Man...
WB26SM ETC2-WB26SM Datasheet
62Kb / 1P
WIRE WRAPPING BITS & SLEEVES
logo
Pepperl+Fuchs Inc.
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
logo
PCE Instruments.
PCE-VT3800 PCE-PCE-VT3800 Datasheet
177Kb / 2P
Vibration Analyzer
logo
Lapp.
61721866 LAPP-61721866 Datasheet
165Kb / 3P
Conductor end sleeves insulated
03.12.2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com