Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM837MX Datasheet(PDF) 11 Page - Texas Instruments

Part # LM837MX
Description  LM837 Low Noise Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM837MX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM837MX Datasheet HTML 7Page - Texas Instruments LM837MX Datasheet HTML 8Page - Texas Instruments LM837MX Datasheet HTML 9Page - Texas Instruments LM837MX Datasheet HTML 10Page - Texas Instruments LM837MX Datasheet HTML 11Page - Texas Instruments LM837MX Datasheet HTML 12Page - Texas Instruments LM837MX Datasheet HTML 13Page - Texas Instruments LM837MX Datasheet HTML 14Page - Texas Instruments LM837MX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Oct-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM837M
ACTIVE
SOIC
D
14
55
TBD
Call TI
Call TI
-40 to 85
LM837M
LM837M/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM837M
LM837MX
ACTIVE
SOIC
D
14
2500
TBD
Call TI
Call TI
-40 to 85
LM837M
LM837MX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM837M
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - LM837MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837M NSC-LM837M Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
More results

Similar Description - LM837MX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
logo
Analog Devices
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
   Low noise JFET quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com