Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM837MX Datasheet(PDF) 1 Page - Texas Instruments

Part # LM837MX
Description  LM837 Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM837MX Datasheet(HTML) 1 Page - Texas Instruments

  LM837MX Datasheet HTML 1Page - Texas Instruments LM837MX Datasheet HTML 2Page - Texas Instruments LM837MX Datasheet HTML 3Page - Texas Instruments LM837MX Datasheet HTML 4Page - Texas Instruments LM837MX Datasheet HTML 5Page - Texas Instruments LM837MX Datasheet HTML 6Page - Texas Instruments LM837MX Datasheet HTML 7Page - Texas Instruments LM837MX Datasheet HTML 8Page - Texas Instruments LM837MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM837
www.ti.com
SNOSBZ6C – MAY 1999 – REVISED MARCH 2013
LM837 Low Noise Quad Operational Amplifier
Check for Samples: LM837
1
FEATURES
DESCRIPTION
The LM837 is a quad operational amplifier designed
2
High Slew Rate 10 V/
μs (typ); 8 V/μs (min)
for low noise, high speed and wide bandwidth
Wide Gain Bandwidth Product 25 MHz (typ); 15
performance. It has a new type of output stage which
MHz (min)
can drive a 600
Ω load, making it ideal for almost all
Power Bandwidth 200 kHz (typ)
digital audio, graphic equalizer, preamplifiers, and
professional audio applications. Its high performance
High Output Current ±40 mA
characteristics
also
make
it
suitable
for
Excellent Output Drive Performance >600
Ω
instrumentation applications where low noise is the
Low Input Noise Voltage 4.5 nV/
√Hz
key consideration.
Low Total Harmonic Distortion 0.0015%
The LM837 is internally compensated for unity gain
Low Offset Voltage 0.3 mV
operation. It is pin compatible with most other
standard quad op amps and can therefore be used to
upgrade existing systems with little or no change.
Schematic and Connection Diagrams
Figure 1. PDIP Package
Top View
See Package Number
D0014A or NFF0014A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM837MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837M NSC-LM837M Datasheet
414Kb / 8P
Low Noise Quad Operational Amplifier
More results

Similar Description - LM837MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
Low Noise Quad Operational Amplifier
logo
Analog Devices
OP-470 AD-OP-470 Datasheet
587Kb / 15P
VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP470 AD-OP470 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
Low noise quad operational amplifier
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
Low noise JFET quad operational amplifier
logo
Analog Devices
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
Very low noise, quad, operational amplifier
REV. B
OP470 AD-OP470_15 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
Low-noise JFET quad operational amplifier
November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com