Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM837MX Datasheet(PDF) 3 Page - Texas Instruments

Part # LM837MX
Description  LM837 Low Noise Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM837MX Datasheet(HTML) 3 Page - Texas Instruments

  LM837MX Datasheet HTML 1Page - Texas Instruments LM837MX Datasheet HTML 2Page - Texas Instruments LM837MX Datasheet HTML 3Page - Texas Instruments LM837MX Datasheet HTML 4Page - Texas Instruments LM837MX Datasheet HTML 5Page - Texas Instruments LM837MX Datasheet HTML 6Page - Texas Instruments LM837MX Datasheet HTML 7Page - Texas Instruments LM837MX Datasheet HTML 8Page - Texas Instruments LM837MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM837
www.ti.com
SNOSBZ6C – MAY 1999 – REVISED MARCH 2013
DESIGN ELECTRICAL CHARACTERISTICS
TA= 25°C, VS=±15V
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
PBW
Power Bandwidth
VO = 25 VP-P, RL = 600Ω,
200
kHz
THD < 1%
en1
Equivalent Input Noise Voltage
JIS A, RS = 100Ω
0.5
μV
en2
Equivalent Input Noise Voltage
f = 1 kHz
4.5
nV/
√Hz
in
Equivalent Input Noise Current
f = 1 kHz
0.7
pA/
√Hz
THD
Total Harmonic Distortion
AV = 1, VOUT = 3 Vrms,
0.0015
%
f = 20
∼ 20 kHz, RL = 600Ω
fU
Zero Cross Frequency
Open Loop
12
MHz
φm
Phase Margin
Open Loop
45
deg
Input-Referred Crosstalk
f = 20
∼ 20 kHz
−120
dB
ΔVOS
Average TC of Input Offset Voltage
2
μV/°C
T
(1)
The following parameters are not tested or ensured.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM837


Similar Part No. - LM837MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837M NSC-LM837M Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
More results

Similar Description - LM837MX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
logo
Analog Devices
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
   Low noise JFET quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com