Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD633 Datasheet(PDF) 14 Page - Analog Devices

Part # AD633
Description  Low Cost Analog Multiplier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD633 Datasheet HTML 10Page - Analog Devices AD633 Datasheet HTML 11Page - Analog Devices AD633 Datasheet HTML 12Page - Analog Devices AD633 Datasheet HTML 13Page - Analog Devices AD633 Datasheet HTML 14Page - Analog Devices AD633 Datasheet HTML 15Page - Analog Devices AD633 Datasheet HTML 16Page - Analog Devices AD633 Datasheet HTML 17Page - Analog Devices AD633 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet
AD633
Rev. J | Page 13 of 20
EVALUATION BOARD
The evaluation board of the AD633 enables simple bench-top
experimenting to be performed with easy control of the
AD633. Built-in flexibility allows convenient configuration
to accommodate most operating configurations. Figure 24 is
a photograph of the AD633 evaluation board.
Figure 24. AD633 Evaluation Board
Any dual-polarity power supply capable of providing 10 mA
or greater is all that is required, in addition to whatever test
equipment the user wishes to perform the intended tests.
Referring to the schematic in Figure 31, inputs to the multiplier are
differential and dc-coupled. Three-position slide switches enhance
flexibility by enabling the multiplier inputs to be connected to
an active signal source, to ground, or to a test loop connected
directly to the device pin for direct measurements, such as bias
current. Inputs may be connected single ended or differentially,
but must have a dc path to ground for bias current. If an input
source’s impedance is non-zero, an equal value impedance must
be connected to the opposite polarity input to avoid introducing
additional offset voltage.
The AD633-EVALZ can be configured for multiplier or divider
operation by switch S1. Refer to Figure 16 for divider circuit
connections.
Figure 25 through Figure 28 are the signal, power, and ground-
plane artworks, and Figure 29 shows the component and circuit
side silkscreen. Figure 30 shows the assembly.
Figure 25. Component Side Copper
Figure 26. Circuit Side Copper
Figure 27. Inner Layer Ground Plane


Similar Part No. - AD633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633 AD-AD633 Datasheet
144Kb / 8P
   Low Cost Analog Multiplier
REV. B
AD633 AD-AD633 Datasheet
1Mb / 20P
   Low Cost Analog Multiplier
Rev. K
AD633-EVALZ AD-AD633-EVALZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633-EVALZ AD-AD633-EVALZ Datasheet
1Mb / 20P
   Low Cost Analog Multiplier
Rev. K
AD633AN AD-AD633AN Datasheet
144Kb / 8P
   Low Cost Analog Multiplier
REV. B
More results

Similar Description - AD633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633 AD-AD633 Datasheet
144Kb / 8P
   Low Cost Analog Multiplier
REV. B
AD633 AD-AD633_15 Datasheet
959Kb / 21P
   Low Cost Analog Multiplier
Rev. J
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
P2384A PULSECORE-P2384A Datasheet
404Kb / 10P
   Low Cost Frequency Multiplier
logo
ON Semiconductor
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2082A ALSC-P2082A Datasheet
395Kb / 9P
   Low Cost Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com