Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD633 Datasheet(PDF) 12 Page - Analog Devices

Part # AD633
Description  Low Cost Analog Multiplier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD633 Datasheet HTML 8Page - Analog Devices AD633 Datasheet HTML 9Page - Analog Devices AD633 Datasheet HTML 10Page - Analog Devices AD633 Datasheet HTML 11Page - Analog Devices AD633 Datasheet HTML 12Page - Analog Devices AD633 Datasheet HTML 13Page - Analog Devices AD633 Datasheet HTML 14Page - Analog Devices AD633 Datasheet HTML 15Page - Analog Devices AD633 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Data Sheet
AD633
Rev. J | Page 11 of 20
For example, if R = 8 kΩ and C = 0.002 µF, then Output A has a
pole at frequencies from 100 Hz to 10 kHz for EC ranging from
100 mV to 10 V. Output B has an additional 0 at 10 kHz (and
can be loaded because it is the low impedance output of the
multiplier). The circuit can be changed to a high-pass filter Z
interchanging the resistor and capacitor as shown in Figure 21.
AD633JN
X1
1
X2
2
Y1
3
Y2
4
+VS 8
W
7
Z
6
–VS 5
CONTROL
INPUT EC
SIGNAL
INPUT ES
0.1µF
0.1µF
+15V
–15V
R
C
OUTPUT B
OUTPUT A
dB
f1 f2
f
+6dB/OCTAVE
OUTPUT A
OUTPUT B
0
Figure 21. Voltage-Controlled, High-Pass Filter
VOLTAGE-CONTROLLED QUADRATURE OSCILLATOR
Figure 22 shows two multipliers being used to form integrators
with controllable time constants in second-order differential
equation feedback loop. R2 and R5 provide controlled current
output operation. The currents are integrated in capacitors C1
and C2, and the resulting voltages at high impedance are applied
to the X inputs of the next AD633. The frequency control input,
EC, connected to the Y inputs, varies the integrator gains with a
calibration of 100 Hz/V. The accuracy is limited by the Y input
offsets. The practical tuning range of this circuit is 100:1. C2
(proportional to C1 and C3), R3, and R4 provide regenerative
feedback to start and maintain oscillation. The diode bridge, D1
through D4 (1N914s), and Zener diode D5 provide economical
temperature stabilization and amplitude stabilization at ±8.5 V
by degenerative damping. The output from the second integrator
(10 V sin ωt) has the lowest distortion.
AUTOMATIC GAIN CONTROL (AGC) AMPLIFIERS
Figure 23 shows an AGC circuit that uses an rms-to-dc
converter to measure the amplitude of the output waveform.
The AD633 and A1, ½ of an AD712 dual op amp, form a
voltage-controlled amplifier. The rms-to-dc converter, an
AD736, measures the rms value of the output signal. Its output
drives A2, an integrator/comparator whose output controls the
gain of the voltage-controlled amplifier. The 1N4148 diode
prevents the output of A2 from going negative. R8, a 50 kΩ
variable resistor, sets the output level of the circuit. Feedback
around the loop forces the voltages at the inverting and
noninverting inputs of A2 to be equal, thus the AGC.
AD633JN
X1
1
X2
2
Y1
3
Y2
4
+VS 8
W
7
Z
6
–VS 5
0.1µF
0.1µF
C1
0.01µF
+15V
–15V
AD633JN
X1
1
X2
2
Y1
3
Y2
4
+VS 8
W
7
Z
6
–VS 5
0.1µF
+15V
–15V
R5
16kΩ
R3
330kΩ
R4
16kΩ
C3
0.01µF
C2
0.01µF
(10V) sin ωt
0.1µF
R2
16kΩ
R1
1kΩ
D5
1N5236
D1
1N914
D2
1N914
D3
1N914
D4
1N914
f =
EC
10V
= kHz
(10V) cos ωt
EC
Figure 22. Voltage-Controlled Quadrature Oscillator


Similar Part No. - AD633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633 AD-AD633 Datasheet
144Kb / 8P
   Low Cost Analog Multiplier
REV. B
AD633 AD-AD633 Datasheet
1Mb / 20P
   Low Cost Analog Multiplier
Rev. K
AD633-EVALZ AD-AD633-EVALZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633-EVALZ AD-AD633-EVALZ Datasheet
1Mb / 20P
   Low Cost Analog Multiplier
Rev. K
AD633AN AD-AD633AN Datasheet
144Kb / 8P
   Low Cost Analog Multiplier
REV. B
More results

Similar Description - AD633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633 AD-AD633 Datasheet
144Kb / 8P
   Low Cost Analog Multiplier
REV. B
AD633 AD-AD633_15 Datasheet
959Kb / 21P
   Low Cost Analog Multiplier
Rev. J
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
P2384A PULSECORE-P2384A Datasheet
404Kb / 10P
   Low Cost Frequency Multiplier
logo
ON Semiconductor
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2082A ALSC-P2082A Datasheet
395Kb / 9P
   Low Cost Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com