Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1811 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1811
Description  One-Cell Lithium-Ion Battery Protection IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1811 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1811 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AIC1811
2
n ORDERING INFORMATION
PACKAGE TYPE
V: SOT-23-5
OVERCHARGE PROTECTION
A: 4.35V
B: 4.30V
C: 4.25V
ORDER NUMBER
PIN CONFIGURATION
AIC1811ACV
AIC1811BCV
AIC1811CCV
(SOT-23-5)
TOP VIEW
VCC
OD
GND
CS
OC
AIC1811 XCX
3
2
1
4
5
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage
....................................…………… ..................................................... 18V
DC Voltage Applied on other Pins ...............………………………… ..............................
18V
Operating Temperature Range
.....................................……………… .............. -40
°C~85°C
Storage Temperature
Range .........................………………… .....................
- 65
°C~125°C
n TEST CIRCUIT
51K
IOC
ICC
S1
VOC
R3
10M
VOD
VCC
VCS
R2
5
4
3
2
1
C1
0.1µF
R1
100
OC
CS
OD
GND
VCC
AIC1811


Similar Part No. - AIC1811

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1811

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5563A HMSEMI-HM5563A Datasheet
2Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com