Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1811 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1811
Description  One-Cell Lithium-Ion Battery Protection IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1811 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1811 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AIC1811
One-Cell Lithium-Ion Battery Protection IC
DS-1811-00 June 7, 00
www.analog.com.tw
1
n FEATURES
l
Reduction
in
Board
Size
due
to
Miniature
Package
SOT-23-5
and
Less
External
Components.
l
Ultra-Low Quiescent Current at 7
µA (V
CC=3.5V).
l
Ultra-Low Power-Down Current at 0.4
µA (V
CC
=2.3V).
l
Precision Overcharge Protection Voltage
4.35V
± 50mV for the AIC1811A
4.30V
± 50mV for the AIC1811B
4.25V
± 50mV for the AIC1811C
l
Built-in Delay
Time Circuits
for
Overcharge,
Over-discharge, and Overcurrent Protection.
l
Load
Detection
Function
during
Overcharge
Mode.
l
Two Detection Levels for Overcurrent Protection.
n APPLICATIONS
l
Protection IC for One-Cell Lithium-Ion Battery
Pack.
n DESCRIPTION
The AIC1811 battery protection IC is designed to
protect
lithium-ion
battery
from
damage
or
degrading
the
lifetime
due
to
overcharge,
overdischarge, and/or
overcurrent for one-cell
lithium-ion battery powered systems, such as
cellular phones. The ultra-small package and less
required external components make it ideal to
integrate the AIC1811 into the limited space of
battery pack.
The
accurate
±50mV overcharging detection
voltage ensures safe and full utilization charging.
Three different specification values for overcharge
protection
voltage
are
provided
for
various
protection requirements. The very low standby
current drains little current from the cell while in
storage.
n TYPICAL APPLICATION CIRCUIT
BATT-
BATT+
51K
5
4
3
2
1
R2
R3
FUSE
C1
0.1
µF
R1
100
10M
M2 SI9926
M1
SI9926
OC
CS
OD
GND
VCC
AIC1811
Protection Circuit for One -Cell Lithium-Ion Battery


Similar Part No. - AIC1811

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1811

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5563A HMSEMI-HM5563A Datasheet
2Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com