Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1811 Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1811
Description  One-Cell Lithium-Ion Battery Protection IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1811 Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC1811 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AIC1811
6
detection circuitry. Charging is determined to be in
progress if the voltage between CS and GND is
below charge detection threshold voltage (VCH).
DESIGN GUIDE
Selection of External Control MOSFETs
Because the overcurrent protection voltage is
preset,
the
threshold
current
for
overcurrent
detection is determined by the turn-on resistance
of the discharge control MOSFET M1. The turn-on
resistance of the external control MOSFETs can
be determined by the equation: RON=VOIP/ (2 x IT)
(IT is the overcurrent threshold current). For
example, if the overcurrent threshold current IT is
designed to be 3A, the turn-on resistance of the
external control MOSFETs must be 33m
Ω. Users
should be aware that turn-on resistance of the
MOSFET changes with temperature variation due
to heat dissipation. It changes with the voltage
between
gate
and
source
as
well.
(Turn-on
resistance of a MOSFET increases as the voltage
between gate and source decreases). Once the
turn-on
resistance
of
the
external
MOSFET
changes, the overcurrent threshold current will
change accordingly.
Suppressing the Ripple and Disturbance
from Charger
To suppress the ripple and disturbance from
charger,
connecting
R1,
C1
to
VCC
pin
is
recommended.
Protection at CS pin
R2 is used for latch-up protection when charger is
connected under overdischarge condition and
overstress protection at reverse connecting of a
charger. Larger value of R2 reduces the charger
leakage current in overcharge mode, but possibly
disables
the
charge
detection
function
after
overdischarge.
Resistance
of
51K
is
recommended.


Similar Part No. - AIC1811

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1811

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5563A HMSEMI-HM5563A Datasheet
2Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com