Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1811 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1811
Description  One-Cell Lithium-Ion Battery Protection IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1811 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1811 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1811 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AIC1811
5
n APPLICATION INFORMATIONS
THE OPERATION
Overcharge Protection
When the voltage of the battery cell exceeds the
overcharge protection voltage (VOCP) beyond the
overcharge delay time (TOC) period, charging is
inhibited by the turning-off of the charge control
MOSFET M2. The overcharge delay time is fixed
to 100mS by IC internal circuit. The overcharge
condition is released in two cases:
1. The voltage of the battery cell becomes lower
than the overcharge release voltage (VOCR or
VOCP- VHYS) through self-discharge.
2. The voltage of the battery cell falls below the
overcharge protection voltage (VOCP) and a
load is connected.
When the battery voltage is above VOCP, the
overcharge condition is never released even a
load is connected to the pack.
Overdischarge Protection
When the voltage of the battery cell goes below
the
overdischarge
protection
voltage
(VODP)
beyond the overdischarge delay time (TOD) period,
discharging is inhibited by the turning-off of the
discharge
control
MOSFET
M1.
The
overdischarge delay time defaults to 100mS.
Inhibition of discharging is immediately released
when the voltage of the battery cell becomes
higher than overdischarge release voltage (VODR)
through charging.
Overcurrent Protection
In
normal
mode,
the
AIC1811
continuously
monitors the discharge current by sensing the
voltage of CS pin. If the voltage of CS pin exceeds
the overcurrent protection voltage (VOIP) beyond
the overcurrent
delay
time
(TOI) period, the
overcurrent
protection
circuit
operates
and
discharging is inhibited by the turning-off of the
discharge control MOSFET M1. The overcurrent
condition returns to the normal mode when the
load is released and the impedance between the
BATT+ and BATT- terminals is 20M
Ω or higher.
The AIC1811 is provided with the two overcurrent
detection levels (0.2V and 1V) and the two
overcurrent
delay
time
(TOI1
and
TOI2)
corresponding to each overcurrent detection level.
Load Detection after Overcharge
The load detection function after overcharge is
implemented by detecting the CS pin voltage.
Once a load is connected to the battery pack after
overcharge, discharge current flows through the
parasitic diode of MOSFET M2 and there is a
diode voltage drop between CS and GND. Load is
determined to be connected to the pack if the CS
pin voltage is above load detection threshold
voltage (VLD).
Power-Down after Overdischarge
When overdischarge occurs, the AIC1811 will go
into power-down mode, turning off all the timing
generation and detection circuitry to reduce the
quiescent current to 0.4
µA (V
CC=2.3V).
At the
same time, the CS pin is pull-high to VCC through
a high resistance resistor.
Charge Detection after Overdischarge
When overdischarge occurs, the discharge control
MOSFET M1 turns off and discharging is inhibited.
However, charging is still permitted through the
parasitic diode of M1. Once the charger is
connected to the battery pack, the AIC1811
immediately turns on all the timing generation and


Similar Part No. - AIC1811

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1811

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5563A HMSEMI-HM5563A Datasheet
2Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com