Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA141UG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA141UG4
Description  Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA141UG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA141UG4 Datasheet HTML 4Page - Texas Instruments INA141UG4 Datasheet HTML 5Page - Texas Instruments INA141UG4 Datasheet HTML 6Page - Texas Instruments INA141UG4 Datasheet HTML 7Page - Texas Instruments INA141UG4 Datasheet HTML 8Page - Texas Instruments INA141UG4 Datasheet HTML 9Page - Texas Instruments INA141UG4 Datasheet HTML 10Page - Texas Instruments INA141UG4 Datasheet HTML 11Page - Texas Instruments INA141UG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
®
INA141
8
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation
of the INA141. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins as shown.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resis-
tance of 8
Ω in series with the Ref pin will cause a typical
device to degrade to approximately 80dB CMR (G = 1).
SETTING THE GAIN
Gain is selected with a jumper connection as shown in
Figure 1. G = 10V/V with no jumper installed. With a
jumper installed, G = 100V/V. To preserve good gain
accuracy, this jumper must have low series resistance. A
resistance of 0.5
Ω in series with the jumper will decrease the
gain by 0.1%.
Internal resistor ratios are laser trimmed to assure excellent
gain accuracy. Actual resistor values can vary by approxi-
mately
±25% from the nominal values shown.
Gains between 10 and 100 can be achieved by connecting an
external resistor to the jumper pins. This is not recom-
mended, however, because the
±25% variation of internal
resistor values makes the required external resistor value
uncertain. A companion model, INA128, features accurately
trimmed internal resistors so that gains from 1 to 10,000 can
be set with an external resistor.
DYNAMIC PERFORMANCE
The typical performance curve “Gain vs Frequency” shows
that, despite its low quiescent current, the INA141 achieves
wide bandwidth, even at G = 100. This is due to the current-
feedback topology of the INA141. Settling time also re-
mains excellent at G = 100.
NOISE PERFORMANCE
The INA141 provides very low noise in most applications.
Low frequency noise is approximately 0.2
µVp-p measured
from 0.1 to 10Hz (G = 100). This provides dramatically
improved noise when compared to state-of-the-art chopper-
stabilized amplifiers.
FIGURE 1. Basic Connections.
A
1
A
2
A
3
6
40k
40k
40k
40k
7
4
3
8
1
2
V
IN
V
IN
V+
V–
INA141
+
5
Over-Voltage
Protection
25k
25k
Over-Voltage
Protection
Load
V
O = G • (VIN – VIN)
+
0.1µF
0.1µF
+
V
O
Also drawn in simplified form:
INA141
Ref
V
O
V
IN
V
IN
+
Ref
G = 10
(no connection)
or
G = 100
(connect jumper)
252
5050
252


Similar Part No. - INA141UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA141UG4 TI1-INA141UG4 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA141UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141 TI1-INA141 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA131 TI1-INA131 Datasheet
126Kb / 11P
[Old version datasheet]   Precision G = 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA131 BURR-BROWN-INA131 Datasheet
113Kb / 10P
   Precision G = 100 INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com