Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8532IDGKG4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8532IDGKG4
Description  Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8532IDGKG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8532IDGKG4 Datasheet HTML 9Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 10Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 11Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 12Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 13Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 14Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 15Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 16Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
DAC8532
SBAS246A
www.ti.com
OPERATION EXAMPLES
Example 1: Write to Data Buffer A; Write to Data Buffer B; Load DACA and DACB Simultaneously
1st—Write to Data Buffer A:
2nd—Write to Data Buffer B and Load DAC A and DAC B simultaneously:
Reserved
Reserved
LDB
LDA
DC
Buffer Select
PD1
PD0
DB15
......
DB1
DB0
0000
X
000
D15
.....
D1
D0
The DACA and DACB analog outputs simultaneously settle to the specified values upon completion of the 2nd write sequence.
(The “Load” command moves the digital data from the data buffer to the DAC register at which time the conversion takes place
and the analog output is updated. “Completion” occurs on the 24th falling SCLK edge after SYNC LOW.)
Example 2: Load New Data to DACA and DACB Sequentially
1st—Write to Data Buffer A and Load DAC A: DACA output settles to specified value on completion:
Reserved
Reserved
LDB
LDA
DC
Buffer Select
PD1
PD0
DB15
......
DB1
DB0
0011
X
100
D15
.....
D1
D0
2nd—Write to Data Buffer B and Load DAC B: DACB output settles to specified value on completion:
Reserved
Reserved
LDB
LDA
DC
Buffer Select
PD1
PD0
DB15
......
DB1
DB0
0001
X
000
D15
.....
D1
D0
After completion of the 1st write cycle, the DACA analog output settles to the voltage specified; upon completion of write cycle 2,
the DACB analog output settles.
Example 3: Power-Down DACA to 1k
and Power-Down DACB to 100kSimultaneously
1st—Write power-down command to Data Buffer A:
Reserved
Reserved
LDB
LDA
DC
Buffer Select
PD1
PD0
DB15
......
DB1
DB0
0010
X
100
D15
.....
D1
D0
2nd—Write power-down command to Data Buffer B and Load DACA and DACB simultaneously:
Reserved
Reserved
LDB
LDA
DC
Buffer Select
PD1
PD0
DB15
......
DB1
DB0
0000
X
001
Don’t Care
Reserved
Reserved
LDB
LDA
DC
Buffer Select
PD1
PD0
DB15
......
DB1
DB0
0011
X
110
Don’t Care
The DACA and DACB analog outputs simultaneously power-down to each respective specified mode upon completion of the
2nd write sequence.
Example 4: Power-Down DACA and DACB to High Impedance Sequentially:
1st—Write power-down command to Data Buffer A and Load DAC A: DAC A output = High-Z:
Reserved
Reserved
LDB
LDA
DC
Buffer Select
PD1
PD0
DB15
......
DB1
DB0
0001
X
011
Don’t Care
Reserved
Reserved
LDB
LDA
DC
Buffer Select
PD1
PD0
DB15
......
DB1
DB0
0010
X
111
Don’t Care
2nd—Write power-down command to Data Buffer B and Load DAC B: DAC B output = High-Z:
The DACA and DACB analog outputs sequentially power-down to high impedance upon completion of the 1st and 2nd write
sequences, respectively.


Similar Part No. - DAC8532IDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8532IDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8532 BURR-BROWN-DAC8532 Datasheet
402Kb / 17P
   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8532 TI-DAC8532_15 Datasheet
1Mb / 27P
[Old version datasheet]   DAC8532 Dual Channel, 16-Bit, Low Power, Serial Input Digital-To-Analog Converter
DAC8534 TI-DAC8534 Datasheet
362Kb / 20P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com