Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8532IDGKG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8532IDGKG4
Description  Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8532IDGKG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8532IDGKG4 Datasheet HTML 7Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 8Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 9Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 10Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 11Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 12Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 13Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 14Page - Texas Instruments DAC8532IDGKG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
DAC8532
SBAS246A
www.ti.com
INPUT SHIFT REGISTER
The input shift register of the DAC8532 is 24 bits wide (see
Figure 5) and is made up of 8 control bits (DB16-DB23) and 16
data bits (DB0-DB15). The first two control bits (DB22 and
DB23) are reserved and must be “0” for proper operation. LD
A (DB20) and LD B (DB21) control the updating of each analog
output with the specified 16-bit data value or power-down
command. Bit DB19 is a “Don't Care” bit which does not affect
the operation of the DAC8532 and can be 1 or 0. The following
control bit, Buffer Select (DB18), controls the destination of the
data (or power-down command) between DAC A and DAC B.
The final two control bits, PD0 (DB16) and PD1 (DB17), select
the power-down mode of one or both of the DAC channels. The
four modes are normal mode or any one of three power-down
modes. A more complete description of the operational modes
of the DAC8532 can be found in the Power-Down Modes
section. The remaining sixteen bits of the 24-bit input word
make up the data bits. These are transferred to the specified
Data Buffer or DAC Register, depending on the command
issued by the control byte, on the 24th falling edge of SCLK.
Please refer to Tables II and III for more information.
are set to zero-scale; they remain there until a valid write
sequence and load command is made to the respective
DAC channel. This is useful in applications where it is
important to know the state of the output of each DAC
output while the device is in the process of powering up.
No device pin should be brought high before power is
applied to the device.
POWER-DOWN MODES
The DAC8532 utilizes four modes of operation. These modes
are accessed by setting two bits (PD1 and PD0) in the control
register and performing a “Load” action to one or both DACs.
Table I shows how the state of the bits correspond to the
mode of operation of each channel of the device. (Each DAC
channel can be powered down simultaneously or indepen-
dently of each other. Power-down occurs after proper data is
written into PD0 and PD1 and a “Load” command occurs.)
Please refer to the "Operation Examples" section for addi-
tional information.
Resistor
String DAC
Amplifier
Power-down
Circuitry
Resistor
Network
V
OUTX
FIGURE 3. Output Stage During Power-Down (High-Impedance)
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept LOW for
at least 24 falling edges of SCLK and the addressed DAC
register is updated on the 24th falling edge. However, if
SYNC is brought HIGH before the 24th falling edge, it acts as
an interrupt to the write sequence; the shift register is reset
and the write sequence is discarded. Neither an update of
the data buffer contents, DAC register contents or a change
in the operating mode occurs (see Figure 4).
POWER-ON RESET
The DAC8532 contains a power-on reset circuit that con-
trols the output voltage during power-up. On power-up, the
DAC registers are filled with zeros and the output voltages
PD1 (DB17)
PD0 (DB16)
OPERATING MODE
0
0
Normal Operation
——
Power-Down Modes
0
1
Output Typically 1k
Ω to GND
1
0
Output Typically 100k
Ω to GND
1
1
High Impedance
TABLE I. Modes of Operation for the DAC8532.
When both bits are set to 0, the device works normally with
a typical power consumption of 500
µA at 5V. For the three
power-down modes, however, the supply current falls to
200nA at 5V (50nA at 3V). Not only does the supply current
fall but the output stage is also internally switched from the
output of the amplifier to a resistor network of known values.
This has the advantage that the output impedance of the
device is known while it is in power-down mode. There are
three different options for power-down: The output is con-
nected internally to GND through a 1k
Ω resistor, a 100kΩ
resistor, or it is left open-circuited (High-Impedance). The
output stage is illustrated in Figure 3.
All analog circuitry is shut down when the power-down mode
is activated. Each DAC will exit power-down when PD0 and
PD1 are set to 0, new data is written to the Data Buffer, and
the DAC channel receives a “Load” command. The time to
exit power-down is typically 2.5
µs for V
DD = 5V and 5µs for
VDD = 3V (See the Typical Characteristics).


Similar Part No. - DAC8532IDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8532IDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8532 BURR-BROWN-DAC8532 Datasheet
402Kb / 17P
   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8532 TI-DAC8532_15 Datasheet
1Mb / 27P
[Old version datasheet]   DAC8532 Dual Channel, 16-Bit, Low Power, Serial Input Digital-To-Analog Converter
DAC8534 TI-DAC8534 Datasheet
362Kb / 20P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com