Electronic Components Datasheet Search |
|
DAC8532IDGKG4 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|
DAC8532IDGKG4 Datasheet(HTML) 16 Page - Texas Instruments |
16 / 23 page DAC8532 16 SBAS246A www.ti.com The output voltage for any input code can be calculated as follows: VX V D RR R V R R OUT REF REF =• • + • 65536 12 1 2 1 – where D represents the input code in decimal (0–65535). With VREF = 5V, R1 = R2 = 10kΩ: VX D V OUT = • 10 65536 5 – This is an output voltage range of ±5V with 0000 H corre- sponding to a –5V output and FFFFH corresponding to a +5V output. Similarly, using VREF = 2.5V, a ±2.5V output voltage range can be achieved. LAYOUT A precision analog component requires careful layout, ad- equate bypassing, and clean, well-regulated power supplies. The DAC8532 offers single-supply operation, and it will often be used in close proximity with digital logic, microcontrollers, microprocessors, and digital signal processors. The more digital logic present in the design and the higher the switch- ing speed, the more difficult it will be to keep digital noise from appearing at the output. FIGURE 11. Bipolar Operation with the DAC8532. DAC8532 (Other pins omitted for clarity.) V DD, VREF V OUTX R 1 10k Ω R 2 10k Ω +5V 10 µF0.1µF –5V ±5V +5V OPA703 Due to the single ground pin of the DAC8532, all return currents, including digital and analog return currents for the DAC, must flow through a single point. Ideally, GND would be connected directly to an analog ground plane. This plane would be separate from the ground connection for the digital components until they were connected at the power entry point of the system. The power applied to VDD should be well regulated and low noise. Switching power supplies and DC/DC converters will often have high-frequency glitches or spikes riding on the output voltage. In addition, digital components can create similar high-frequency spikes as their internal logic switches states. This noise can easily couple into the DAC output voltage through various paths between the power connec- tions and analog output. As with the GND connection, VDD should be connected to a positive power-supply plane or trace that is separate from the connection for digital logic until they are connected at the power entry point. In addition, a 1 µF to 10µF capacitor in parallel with a 0.1 µF bypass capacitor is strongly recom- mended. In some situations, additional bypassing may be required, such as a 100 µF electrolytic capacitor or even a “Pi” filter made up of inductors and capacitors—all designed to essentially low-pass filter the supply, removing the high- frequency noise. |
Similar Part No. - DAC8532IDGKG4 |
|
Similar Description - DAC8532IDGKG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |