Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4144AK Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TPD4144AK
Description  High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4144AK Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TPD4144AK Datasheet HTML 10Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 11Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 12Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 13Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 14Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 15Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 16Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 17Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
TPD4144AK
2012-02-15
14
toff – Tj
0
3.0
1.0
2.0
−50
0
50
100
150
ton – Tj
−50
0
50
100
150
0
3.0
1.0
2.0
Junction temperature Tj (°C)
Junction temperature Tj (°C)
VBB = 280 V
VCC = 15 V
IC = 1 A
High-side
Low-side
VBB = 280 V
VCC = 15 V
IC = 1 A
High-side
Low-side
Junction temperature Tj (°C)
Junction temperature Tj (°C)
VCCUV – Tj
−50
0
50
100
150
10.0
11.5
11.0
VCCUVD
VCCUVR
12.0
12.5
10.5
VBSUV – Tj
0
50
100
150
10.5
8.0
10.0
8.5
9.5
9.0
VBSUVD
VBSUVR
−50


Similar Part No. - TPD4144AK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4144AK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK_07 Datasheet
364Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4105K TOSHIBA-TPD4105K Datasheet
376Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K_07 Datasheet
374Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4111K TOSHIBA-TPD4111K Datasheet
388Kb / 27P
   Power Device High Voltage Monolithic Silicon Power IC
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com