Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4144AK Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TPD4144AK
Description  High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4144AK Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TPD4144AK Datasheet HTML 8Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 9Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 10Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 11Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 12Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 13Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 14Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 15Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TPD4144AK
2012-02-15
12
Description of Protection Function
(1)
Under voltage protection
This product incorporates under voltage protection circuits to prevent the IGBT from operating in
unsaturated mode when the VCC voltage or the VBS voltage drops.
When the VCC power supply falls to this product internal setting VCCUVD (=11 V typ.), all IGBT outputs
shut down regardless of the input. This protection function has hysteresis. When the VCC power supply
reaches 0.5 V higher than the shutdown voltage (VCCUVR (=11.5 V typ.)), this product is automatically
restored and the IGBT is turned on again by the input. DIAG output is reversed at the time of VCC
under-voltage protection. When the VCC power supply is less than 7 V, DIAG output isn't sometimes
reversed.
When the VBS supply voltage drops VBSUVD (=9 V typ.), the high-side IGBT output shuts down.
When the VBS supply voltage reaches 0.5 V higher than the shutdown voltage (VBSUVR (=9.5 V typ.)),
the IGBT is turned on again by the input signal.
(2)
Thermal shutdown
This product incorporates a thermal shutdown circuit to protect itself against the abnormal state when
its temperature rises excessively.
When the temperature of this chip rises to the internal setting TSD due to external causes or internal
heat generation, all IGBT outputs shut down regardless of the input. This protection function has
hysteresis
ΔTSD (=50 °C typ.). When the chip temperature falls to TSD − ΔTSD, the chip is automatically
restored and the IGBT is turned on again by the input.
Because the chip contains just one temperature detection location, when the chip heats up due to the
IGBT, for example, the differences in distance from the detection location in the IGBT (the source of the
heat) cause differences in the time taken for shutdown to occur. Therefore, the temperature of the chip
may rise higher than the thermal shutdown temperature when the circuit started to operate.
(3)
SD pin
SD pin is the input signal pin to shut down the internal output IGBT. Output of all IGBT is shut down
after delay times (2 μs typ.) when "L" signal is input to the SD pin from external circuit (MCU etc.). It is
possible to shut down IC when overcurrent and others is detected by external circuit. Shut down state is
released by all of IC input signal "L". At open state of SD pin, shut down function can not operate.
Timing Chart of Under voltage protection and SD Function
Note: The above timing chart is considering the delay time.
Safe Operating Area
Note 1: The above safe operating areas are Tj
= 135 °C (Figure 1).
1.9
Power supply voltage VBB (V)
Figure 1 SOA at Tj
= 135 °C
0
450
0
400
2
SD
LIN
HO
HIN
VBS
VCC
LO
DIAG
ton
toff
ton
toff


Similar Part No. - TPD4144AK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4144AK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK_07 Datasheet
364Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4105K TOSHIBA-TPD4105K Datasheet
376Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K_07 Datasheet
374Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4111K TOSHIBA-TPD4111K Datasheet
388Kb / 27P
   Power Device High Voltage Monolithic Silicon Power IC
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com