Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4144AK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD4144AK
Description  High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4144AK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD4144AK Datasheet HTML 1Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 2Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 3Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 4Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 5Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 6Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 7Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 8Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPD4144AK
2012-02-15
4
Pin Description
Pin No.
Symbol
Pin Description
1
GND
Ground pin.
2
NC
Unused pin, which is not connected to the chip internally.
3
NC
Unused pin, which is not connected to the chip internally.
4
HU
The control terminal of IGBT by the high side of U. It turns off less than 1.5V.
It turns on more than 2.5V.
5
HV
The control terminal of IGBT by the high side of V. It turns off less than 1.5V.
It turns on more than 2.5V.
6
HW
The control terminal of IGBT by the high side of W. It turns off less than 1.5V.
It turns on more than 2.5V.
7
LU
The control terminal of IGBT by the low side of U. It turns off less than 1.5V.
It turns on more than 2.5V.
8
LV
The control terminal of IGBT by the low side of V. It turns off less than 1.5V.
It turns on more than 2.5V.
9
LW
The control terminal of IGBT by the low side of W. It turns off less than 1.5V.
It turns on more than 2.5V.
10
SD
Input pin of external protection. (“L” active, It doesn't have hysteresis.)
11
DIAG
With the diagnostic output terminal of open drain, a pull-up is carried out by resistance.
It turns on at the time of unusual.
12
NC
Unused pin, which is not connected to the chip internally.
13
VREG
7V regulator output pin.
14
NC
Unused pin, which is not connected to the chip internally.
15
VCC
Control power supply pin.(15V typ.)
16
GND
Ground pin.
17
U
U-phase output pin.
18
BSU
U-phase bootstrap capacitor connecting pin.
19
IS1
U-phase IGBT emitter and FRD anode pin.
20
IS2
V-phase IGBT emitter and FRD anode pin.
21
BSV
V-phase bootstrap capacitor connecting pin.
22
V
V-phase output pin.
23
VBB
High-voltage power supply input pin.
24
BSW
W-phase bootstrap capacitor connecting pin.
25
W
W-phase output pin.
26
IS3
W-phase IGBT emitter and FRD anode pin.


Similar Part No. - TPD4144AK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4144AK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK_07 Datasheet
364Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4105K TOSHIBA-TPD4105K Datasheet
376Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K_07 Datasheet
374Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4111K TOSHIBA-TPD4111K Datasheet
388Kb / 27P
   Power Device High Voltage Monolithic Silicon Power IC
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com