Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7158 Datasheet(PDF) 20 Page - Anpec Electronics Coropration

Part # APW7158
Description  Dual Synchronous Buck PWM Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7158 Datasheet(HTML) 20 Page - Anpec Electronics Coropration

Back Button APW7158 Datasheet HTML 16Page - Anpec Electronics Coropration APW7158 Datasheet HTML 17Page - Anpec Electronics Coropration APW7158 Datasheet HTML 18Page - Anpec Electronics Coropration APW7158 Datasheet HTML 19Page - Anpec Electronics Coropration APW7158 Datasheet HTML 20Page - Anpec Electronics Coropration APW7158 Datasheet HTML 21Page - Anpec Electronics Coropration APW7158 Datasheet HTML 22Page - Anpec Electronics Coropration APW7158 Datasheet HTML 23Page - Anpec Electronics Coropration APW7158 Datasheet HTML 24Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2009
APW7158
www.anpec.com.tw
20
Package Information
SOP-20
L
VIEW A
SEATING PLANE
GAUGE PLANE
Note : 1. Follow from JEDEC MS-013 AC.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 6 mil per side.
3. Dimension "E" does not include inter-lead flash or protrusions.
Inter-lead flash and protrusions shall not exceed 10 mil per side.
D
e
b
S
Y
M
B
O
L
MIN.
MAX.
2.65
0.10
0.20
0.33
0.30
A
A1
c
D
E
E1
e
h
L
MILLIMETERS
b
0.31
0.51
SOP-20
0.25
0.75
0.40
1.27
MIN.
MAX.
INCHES
0.104
0.004
0.012
0.020
0.008
0.013
0.010
0.030
0.016
0.050
0
0o
8o
0o
8o
0.012
1.27 BSC
0.050 BSC
2.05
0.081
A2
12.60
13.00
0.496
0.512
10.10
10.50
0.398
0.413
7.40
7.60
0.291
0.299
SEE VIEW A
c


Similar Part No. - APW7158

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
APW7153A ANPEC-APW7153A Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
APW7153AKAI-TRG ANPEC-APW7153AKAI-TRG Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
APW7153AQBI-TRG ANPEC-APW7153AQBI-TRG Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
APW7153B ANPEC-APW7153B Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
More results

Similar Description - APW7158

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Richtek Technology Corp...
RT9206 RICHTEK-RT9206 Datasheet
338Kb / 21P
   High Efficiency, Synchronous Buck with Dual Linear Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com