Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7158 Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APW7158
Description  Dual Synchronous Buck PWM Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7158 Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APW7158 Datasheet HTML 11Page - Anpec Electronics Coropration APW7158 Datasheet HTML 12Page - Anpec Electronics Coropration APW7158 Datasheet HTML 13Page - Anpec Electronics Coropration APW7158 Datasheet HTML 14Page - Anpec Electronics Coropration APW7158 Datasheet HTML 15Page - Anpec Electronics Coropration APW7158 Datasheet HTML 16Page - Anpec Electronics Coropration APW7158 Datasheet HTML 17Page - Anpec Electronics Coropration APW7158 Datasheet HTML 18Page - Anpec Electronics Coropration APW7158 Datasheet HTML 19Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2009
APW7158
www.anpec.com.tw
15
Function Description (Cont.)
Oscillator
The APW7158 provides the oscillator switching frequency
adjustment. Connect a resistor from FS pin to the ground;
the nominal 300kHz oscillator switching frequency is
increased according to the value of the resistor. Thus,
the adjustment range of the switching frequency is nomi-
nal 300kHz to 800kHz. Conversely, connecting a resistor
from FS pin to the VCC12 pin reduces the switching fre-
quency according to the value of the resistor. Thus, the
adjustment range of the switching frequency is 70kHz to
nominal 300kHz. (See Figure 4.).
Short-Circuit Protection
The APW7158 has a simple short-circuit protection to
monitor COMP1 pin and COMP2 pin for OUT1 and OUT2.
When output voltage has a short, the FB pin should start
to follow output since it is a resistor divider from the output.
The FB pin is the inverting input of Error-Amp. When FB
pin is lower than the Error-Amp reference, the V
COMP will
rise to increase the duty-cycle of the upper MOSFET gate
driver, and this allows output to get higher voltage. If the
short-circuit condition is long enough, the V
COMP will ex-
ceed the trip point 3.3V and the duty circle will hit the
maximum. This means that either Over-Current or Un-
der-Voltage condition is detected. If any of the V
COMP1 and
V
COMP2 exceed their trip points and hold over a filter time
(1-2 clock cycles of switching frequency), all regulators
will shut down and require a POR on either of VCC or
VCC12 pin to restart.
Figure 3. Optional R for Shunt Regulator
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
800
Switching Frequency (kHz)
FS to
VCC12
FS to GND
Figure 4. FS Resistance vs. Frequency
VCC(5.8V)
VCC12
R
VCC12
VCC
APW7158
Shunt Regulator (Cont.)


Similar Part No. - APW7158

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
APW7153A ANPEC-APW7153A Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
APW7153AKAI-TRG ANPEC-APW7153AKAI-TRG Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
APW7153AQBI-TRG ANPEC-APW7153AQBI-TRG Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
APW7153B ANPEC-APW7153B Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
More results

Similar Description - APW7158

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Richtek Technology Corp...
RT9206 RICHTEK-RT9206 Datasheet
338Kb / 21P
   High Efficiency, Synchronous Buck with Dual Linear Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com