Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2250A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # TMC2250A
Description  Matrix Multiplier 12 x 10 bit, 50 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2250A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  TMC2250A Datasheet HTML 1Page - Fairchild Semiconductor TMC2250A Datasheet HTML 2Page - Fairchild Semiconductor TMC2250A Datasheet HTML 3Page - Fairchild Semiconductor TMC2250A Datasheet HTML 4Page - Fairchild Semiconductor TMC2250A Datasheet HTML 5Page - Fairchild Semiconductor TMC2250A Datasheet HTML 6Page - Fairchild Semiconductor TMC2250A Datasheet HTML 7Page - Fairchild Semiconductor TMC2250A Datasheet HTML 8Page - Fairchild Semiconductor TMC2250A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PRODUCT SPECIFICATION
TMC2250A
2
REV. 1.0.2 10/25/00
Functional Description
The TMC2250A is a nine-multiplier array with the internal bus
structure and summing adders needed to implement a 3 x 3
matrix multiplier (triple dot product) a cascadeable 9-tap FIR
filter, a 3 x 3-pixel convolver, or a 4 x 2-pixel convolver all in
one monolithic circuit. With a 50MHz guaranteed maximum
clock rate, this device offers video and imaging system
designers a single-chip solution to numerous common image
and signal-processing problems.
The three data input ports (A, B, C) accept 12-bit two's com-
plement integer data, which is also the format for the output
ports (X, Y, Z) in the matrix multiply mode (Mode 00). In the
filter configurations (Modes 01, 10, and 11) the cascade ports
assume 12-bit integer, 4-bit fractional two's complement data
on both input and output. The coefficient input ports (KA,
KB, KC) are always 10-bit two's complement fractional.
Table 1 details the bit weighting of the input and output data
in all configurations.
Operating Modes
The TMC2250A can implement four different digital filter
architectures. Upon selection of the desired function by the
user (MODE1-0), the device reconfigures its internal data
paths and input and output buses appropriately. The output
ports (XC, YC and ZC) are configured in all filter modes a
16-bit Cascade In and Cascade Out ports so that multiple
devices can be connected to build larger filters. These modes
are described individually below. The I/O function configu-
rations for all four modes are shown in Table 1.
Definitions
The calculations performed by the TMC2250A in each mode
are also shown below, utilizing the following notation:
A(1), B(5), C(2), CASIN(3)
Indicates the data word presented to that input port during
the specified clock rising edge(x). Applies to all input ports
A11-0, B11-0, C11-0, and CASIN15-0.
KA1(1), KB3(4)
Indicates coefficient data stored in the specified one of the
nine onboard coefficient registers KA1 through KC3, as
shown in the block diagram for that mode, input during or
before the specified clock rising edge (x).
X(1), Y(4), Z(6), CASOUT (6)
Indicated data available at that output port tDO after that
specified clock rising edge (x). Applies to all output ports
X11-0, Y11-0, Z11-0, and CASOUT15-0.
Numeric Format
Table 2 shows the binary weightings of the input and output
ports of the TMC2250A. Although the internal sums of prod-
ucts could grow to 23 bits, in the matrix multiply mode
(Mode 00) the outputs X, Y and Z are rounded to yield 12-bit
integer words. Thus the output format is identical to the input
data format. In the filter configurations (Modes 01, 10, and
11) the cascade output is always half-LSB rounded to 16
bits, specifically 12 integer bits and 4 fractional guard bits,
with no overflow "headroom". The user is of course free to
half-LSB round the output word to any size less than 16 bits
by forcing a 1 into the bit position of the cascade input
immediately below the desired LSB. In all modes, bit
weighting is easily adjusted if desired by applying the same
scaling correction factor to both input and output data words.
If the coefficients are rescaled, the relative weightings of the
CASIN and CASOUT ports will differ accordingly.
Data Overflow
As shown in Table 2, the TMC2250A's matched input and
output data formats accommodate 0dB (unity) gain. There-
fore, the user must be aware of input conditions that could
lead to numeric overflow. Maximum input data and coeffi-
cient word sizes must be taken into account with the specific
algorithm performed to ensure that no overflow occurs.
Table 1. Data Port Formatting by Mode
Mode
Inputs
Inputs/Output
Outputs
A11-0 B11-0 C11-0 KA9-0 KB9-0 KC9-0
XC11-0
YC11-8
Y7-4
YC3-0
ZC11-0
00
A11-0 B11-0 C11-0 KA9-0 KB9-0 KC9-0
X11-0
Y11-8
Y7-4
Y3-0
Z11-0
01
A11-0 B11-0
NC
KA9-0 KB9-0 KC9-0 CASIN15-4 CASIN3-0
NC
CASOUT3-0 CASOUT15-4
10
A11-0 B11-0 C11-0 KA9-0 KB9-0 KC9-0 CASIN15-4 CASIN3-0
NC
CASOUT3-0 CASOUT15-4
11
A11-0 B11-0
NC
KA9-0 KB9-0 KC9-0 CASIN15-4 CASIN3-0
NC
CASOUT3-0 CASOUT15-4


Similar Part No. - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C CADEKA-TMC2250AG1C Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C2 CADEKA-TMC2250AG1C2 Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C3 CADEKA-TMC2250AG1C3 Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AH5C CADEKA-TMC2250AH5C Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
More results

Similar Description - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
   12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
   12-bit Cascadable Multiplier-Summer
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com