Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2250A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # TMC2250A
Description  Matrix Multiplier 12 x 10 bit, 50 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2250A Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button TMC2250A Datasheet HTML 2Page - Fairchild Semiconductor TMC2250A Datasheet HTML 3Page - Fairchild Semiconductor TMC2250A Datasheet HTML 4Page - Fairchild Semiconductor TMC2250A Datasheet HTML 5Page - Fairchild Semiconductor TMC2250A Datasheet HTML 6Page - Fairchild Semiconductor TMC2250A Datasheet HTML 7Page - Fairchild Semiconductor TMC2250A Datasheet HTML 8Page - Fairchild Semiconductor TMC2250A Datasheet HTML 9Page - Fairchild Semiconductor TMC2250A Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PRODUCT SPECIFICATION
TMC2250A
6
REV. 1.0.2 10/25/00
Pin Descriptions
Pin Name
Pin Number
Function
Pin Description
CPGA/PPGA/
MPGA
MQFP
Power
VDD
F3, H3, L7, C8,
C4
12, 20, 46,
102, 118
Supply
Voltage
The TMC2250A operates from a single +5V supply.
All pins must be connected.
GND
E3, G3, J3, L4,
L6, H11, C7,
C5
8, 16, 24, 34,
42, 72, 106,
114
Ground
The TMC2250A operates from a single +5V supply.
All pins must be connected.
Clock
CLK
D11
88
System Clock
The TMC2250A operates from a single system clock
input. All timing specifications are referenced to the
rising edge of clock.
Controls
MODE1,0
B4, A4
112, 113
Mode Control
The TMC2250A will switch to the configuration
selected by the user (as shown in Table 3) on the
next clock. This registered control is usually static;
however, should the user wish to switch between
modes, the internal pipeline latencies of the device
must be taken into account. Valid data will not be
available at the outputs in the new configuration until
enough clocks in the new mode have passed to flush
the internal registers.
CWE1,0
J12, J13
70, 71
Coefficient
Write Enable
Data presented to the coefficient input ports (KA, KB,
and KC) will update three of the internal coefficient
storage registers, as indicated by the simultaneous
Coefficient Write Enable select, on the next clock.
See Table 4 and the Functional Block Diagram.
Input/Output
A11-0
E11, D13, E12,
E13, F11, F12,
F13, G13,
G11, G12,
H13, H12
84, 83, 82, 81,
80, 79, 78, 77,
76, 75, 74, 73
Data Input A
Data presented to the 12-bit registered data input
ports A, B, and C are latched into the multiplier input
registers for the currently selected configuration
(Table 3). In all modes except Mode 00, new data are
internally right-shifted to the next filter tap on each
rising edge of CLK.
B11-0
B10, A11, B11,
C10, A12, B12,
C11, A13,
C12, B13,
C13, D12
97, 96, 95, 94,
93, 92, 91, 90,
89, 87, 86, 85
Data Input B
C11-0
A5, C6, B6, A6,
A7, B7, A8, B8,
A9, B9, A10,
C9
111, 110,
109, 108,
107, 105,
104, 103,
101, 100, 99,
98
Data Input C


Similar Part No. - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C CADEKA-TMC2250AG1C Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C2 CADEKA-TMC2250AG1C2 Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C3 CADEKA-TMC2250AG1C3 Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AH5C CADEKA-TMC2250AH5C Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
More results

Similar Description - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734 Datasheet
213Kb / 12P
10 MHz, 4-Quadrant Multiplier/Divider
REV. C
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
Digital Mixer 12 x 12 Bit, 60 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
12 x 12-bit Multiplier-Accumulator
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
12-bit Cascadable Multiplier-Summer
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734_15 Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com